Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP565D2T33R4G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP565D2T33R4G
Description  1.5 A Low Dropout Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP565D2T33R4G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP565D2T33R4G Datasheet HTML 7Page - ON Semiconductor NCP565D2T33R4G Datasheet HTML 8Page - ON Semiconductor NCP565D2T33R4G Datasheet HTML 9Page - ON Semiconductor NCP565D2T33R4G Datasheet HTML 10Page - ON Semiconductor NCP565D2T33R4G Datasheet HTML 11Page - ON Semiconductor NCP565D2T33R4G Datasheet HTML 12Page - ON Semiconductor NCP565D2T33R4G Datasheet HTML 13Page - ON Semiconductor NCP565D2T33R4G Datasheet HTML 14Page - ON Semiconductor NCP565D2T33R4G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP565/NCV565
http://onsemi.com
11
Table 1. Bill of Materials for NCP565 Adj Demonstration Board
Item
Used #
Component
Designators
Suppliers
Part Number
1
4
Radial Lead Aluminum Capacitor
150 mF/16 V
C1, C2, C3, C5
Sanyo Oscon
16SA150M
2
1
Radial Lead Aluminum Capacitor
10 mF/10 V
C4
Sanyo Oscon
10SL10M
3
1
SMT Chip Resistor (0805) 15.8 K 1%
R2
Vishay
CRCW08051582F
4
1
SMT Chip Resistor (0805) 42.2 K 1%
R1
Vishay
CRCW08054222F
5
1
SMT Ceramic Capacitor (0603) 5.6 pF 10%
C6
Vishay
VJ0603A5R6KXAA
6
1
NCP565 Low Dropout Linear Regulator
U1
ON Semiconductor
NCP565D2TR4


Similar Part No. - NCP565D2T33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565D2T33R4G ONSEMI-NCP565D2T33R4G Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results

Similar Description - NCP565D2T33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com