Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTBT5UF201 Datasheet(PDF) 3 Page - Sharp Corporation

Part # VTBT5UF201
Description  RF Data Sheet Combination Tuner/Demodulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

VTBT5UF201 Datasheet(HTML) 3 Page - Sharp Corporation

  VTBT5UF201 Datasheet HTML 1Page - Sharp Corporation VTBT5UF201 Datasheet HTML 2Page - Sharp Corporation VTBT5UF201 Datasheet HTML 3Page - Sharp Corporation VTBT5UF201 Datasheet HTML 4Page - Sharp Corporation VTBT5UF201 Datasheet HTML 5Page - Sharp Corporation VTBT5UF201 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Combination Tuner/Demodulator
VTBT5UF201
RF Data Sheet
3
• Noise Figure (UHF AIR)
– Maximum 7 dB (TYP.), 10 dB (MAX.)
– Shall satisfy the requirements stated in FCC
NF Sampling Plan C (effective January, 1980)
– Noise figure measurement shall be based on
FCC OST 50 (effective January, 1980)
– XIRS: 7 dB (TYP.), 10 dB (MAX.)
NOTE: *A representative tuner test shall be conducted on the follow-
ing channels and on the worst channel found CH 14 through CH69:
Ch14, 20, 26, 32, 38, 44, 50, 56, 62, and 69.
• Image Rejection
– At -47 dBM Input
– VHF Air: 70 dB (TYP.), 60 dB (MIN.)
– VHF CATV: 70 dB (TYP.), 60 dB (MIN.)
– UHF: 60 dB (TYP.), 40 dB (MIN.)
• IF Rejection (dB)
– At -47 dBM Input
– VHF Low: 80 dB (TYP.), 55 dB (MIN.)
– VHF High: 90 dB (TYP.), 90 dB (MIN.)
– UHF: 85 dB (TYP.), 60 dB (MIN.)
– At -17 dBM: Input
– VHF Low: 58 dB (TYP.), 50 dB (MIN.)
– VHF High: 63 dB (TYP.), 50 dB (MIN.)
– UHF: 60 dB (TYP.), 50 dB (MIN.)
• Specific Channel Rejection.
– Desirable 54 dBµ input; Undesireable 49 dbµ input.
– CH 6
← CH A-5: 55 dB (TYP.); 50 dB (MIN.)
– CHP 6
← CHS6: 55 dB (TYP.); 52 dB (MIN.)
• Band Edge Tuning Margin
– CH 2: -4.0 MHz (TYP.), -1 MHz (MIN.)
– CH B: 3.0 MHz (TYP.), +1 MHZ (MIN.)
– CH C: -4.0 MHz (TYP.), -1 MHz (MIN.)
– CH W + 11: 3.0 MHz (TYP.), +1 MHz (MIN.)
– CH W + 12: -5.0 MHz (TYP.), -1.5 MHz (MIN.)
– CH 69: 6.0 MHz (TYP.), 1.0 MHz (MIN.)
• Antenna Terminal Voltage
– Fundamental Wave 40 dBµ (MAX.)
– Higher Harmonic 48 dBµ (MAX.)
• PLL AC Characteristics
– Setting Up Enable: Tsuen 1 µs (MIN.)
– Holding Enable: Thden 1 µs (MIN.)
– Setting Up Data: Tsuda 1 µs (MIN.)
– Holding Data: Thdda 1 µs (MIN.)
– Clock Level High: Thicl 1 µs (MIN.)
– Clock Level Low: Tlocl 1 µs (MIN.)
– Clock Rate: Trate 10 µs (MIN.)
– Signal Rising: Trise 1 µs (MIN.)
– Signal Falling: Tfall 1 µs (MIN.)
• Picture Output
– Output Level (CH 10) 1.0 Vp-p (TYP.),
1.0 ±15 Vp-p
–At 1 k
Ω termination, fp 70 dBµ, White 100%
– Differential Gain (CH 10) 3% (TYP.), 10% (MAX.)
– fp 90 dBµ, Sterstep 80 IRE
– Differential Phase (CH 10) 3° (TYP.), 10° (MAX.)
– fp 90 dBµ, Sterstep 80 IRE
– S/N ratio 47 dB (TYP.), 43 dB (MIN.)
– fp 70 dBµ, White 100%, 100 kHz to 4.2 MHz fil-
ter, Sctrap On
– Frequency Characteristics (CH 10), fp 70 dBµ,
multi-burst
– 1.0 MHz: -0.3 dB (TYP.), -2 ±0.3 dB
– 2.0 MHz: -0.4 dB (TYP.), -2 ±0.4 dB
– 3.0 MHz: -1.0 dB (TYP.), -1.7 ±0.7 dB
– 3.58 MHz: -2.0 dB (TYP.), -2 ±2 dB
– Synchronized Ratio (CH 10)
– 28.5% (TYP.), 23.6% to 33.6%
– fp 70 dBµ, SMPTE color bar
• Sound Output
– Output Level (CH 10) 245 mVrms (TYP.),
185 mVrms to 315 mVrms
– fp 70 dBµ, SMPTE color bar 87.5% modula-
tion, P/S 6 dB, fs 1 kHz, sin-curve 60% modu-
lation, 75 µs pre-emphasis
– Distortion Rate (CH 10) 1% (TYP.), 4% (MAX.)
– S/N Ratio (CH 10) 53 dB (TYP.), 42 dB (MAX.)
– Frequency Characteristics (CH 10) 0 dB (TYP.),
0±3 dB
– AM Removal Level (CH 10) 45 dB (TYP.),
35 dB (MAX.)
• AFT Output
– Output Voltage 2.5 V (TYP.), 1.75 V to 3.25 V
– Frequency Accuracy 25 kHz (TYP.), 100 kHz (MAX.)
X
Σxi n
=
S
Σ Xi x
()
2
n1
()
n10*
=
,
=
(Tested channels including worst)
Figure 2. Radiation (3m Method)
60
50
40
30
20
88
216
43.5 dB
µ
46 dB
µ
54 dB
µ
960
5000
COMB4-4
FREQUENCY (MHz)


Similar Part No. - VTBT5UF201

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
VTB BANNER-VTB Datasheet
440Kb / 7P
   VTB Pick-to-Light Optical Touch Button
logo
ETA-USA
VTB-00A ETA-USA-VTB-00A Datasheet
370Kb / 4P
   45 WATT AC-DC CONVERTER
VTB-00B ETA-USA-VTB-00B Datasheet
271Kb / 2P
   45 WATT AC-DC CONVERTER
VTB-C-D ETA-USA-VTB-C-D Datasheet
6Mb / 3P
   45W Triple output DC/DC
VTB-FWA ETA-USA-VTB-FWA Datasheet
559Kb / 4P
   45 WATT AC-DC CONVERTER VTB-FWA
More results

Similar Description - VTBT5UF201

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
VT4T5UF2021 SHARP-VT4T5UF2021 Datasheet
105Kb / 8P
   Combination Tuner/Demodulator/Modulator
VT5F9MN0006 SHARP-VT5F9MN0006 Datasheet
54Kb / 5P
   RF Data Sheet RF Modulator
logo
NXP Semiconductors
TDA2520 PHILIPS-TDA2520 Datasheet
143Kb / 4P
   COLOUR DEMODULATOR COMBINATION
January 1977
TDA2522 PHILIPS-TDA2522 Datasheet
158Kb / 4P
   COLOUR DEMODULATOR COMBINATION
January 1977
logo
ANADIGICS, Inc
ACU2109 ANADIGICS-ACU2109 Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
logo
Pasternack Enterprises,...
PE6TR006 PASTERNACK-PE6TR006 Datasheet
342Kb / 3P
   RF Terminations Technical Data Sheet
PE6TR009 PASTERNACK-PE6TR009 Datasheet
351Kb / 3P
   RF Terminations Technical Data Sheet
PE6TR014 PASTERNACK-PE6TR014 Datasheet
352Kb / 3P
   RF Terminations Technical Data Sheet
PE4949 PASTERNACK-PE4949 Datasheet
315Kb / 3P
   RF Connectors Technical Data Sheet
PE4666 PASTERNACK-PE4666 Datasheet
355Kb / 3P
   RF Connectors Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com