Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTBT5UF201 Datasheet(PDF) 2 Page - Sharp Corporation

Part # VTBT5UF201
Description  RF Data Sheet Combination Tuner/Demodulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

VTBT5UF201 Datasheet(HTML) 2 Page - Sharp Corporation

  VTBT5UF201 Datasheet HTML 1Page - Sharp Corporation VTBT5UF201 Datasheet HTML 2Page - Sharp Corporation VTBT5UF201 Datasheet HTML 3Page - Sharp Corporation VTBT5UF201 Datasheet HTML 4Page - Sharp Corporation VTBT5UF201 Datasheet HTML 5Page - Sharp Corporation VTBT5UF201 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VTBT5UF201
Combination Tuner/Demodulator
2
RF Data Sheet
ELECTRICAL CHARACTERISTICS
• Nominal Supply Voltage (TYP.)
– BT: 31 V
–BP: 5 V
–BM: 5 V
• Operating Voltage (TYP.)
– BT: 31 V ±2.0 V
– BP: 5 V ±0.5 V
– BM: 5 V ±0.5 V
– Control: 5 V ±0.2 V
• Breakdown Voltage (MIN.)
– BT: 34 V
–BP: 5.5 V
– BM: 5.5 V
• Test Conditions (TYP.)
– BT: 31 V
–BP: 5 V
–BM: 5 V
– Ambient Temperature 25°C ±5°C
– Relative Humidity 65% ±10%
• Current Consumption (MAX.)
–BT: 5 mA
– BP: 16 mA
– BM: 150 mA
• Temperature (TYP.)
– Storage -20°C to +70°C
– Operating -10°C to +60°C
Figure 1. VTBT5UF201 Block Diagram
AUDIO OUT
COMB4-6
DEMODULATOR
IC
AFT OUT
PRE-AMP
SAW
FILTER
SIF
FILTER
VIDEO OUT
SF IN
SIF
TRAP
U/V SEPARATE
FILTER
INPUT
TUNING
CIRCUIT
INPUT
TUNING
CIRCUIT
INTERSTAGE
TUNING
CIRCUIT
RESONANCE
CIRCUIT
IF TUNING
CIRCUIT
RESONANCE
CIRCUIT
INTERSTAGE
TUNING
CIRCUIT
~
~
UHF
VHF
RF
AMP
RF
AMP
U/V ONE CHIP AND IC
IF
AMP
OSC
OSC
PLL CIRCUIT
AFT MUTE
UHF/VHF
IN
MIX
VIDEO AMP
DET
OUT
RF AGC


Similar Part No. - VTBT5UF201

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
VTB BANNER-VTB Datasheet
440Kb / 7P
   VTB Pick-to-Light Optical Touch Button
logo
ETA-USA
VTB-00A ETA-USA-VTB-00A Datasheet
370Kb / 4P
   45 WATT AC-DC CONVERTER
VTB-00B ETA-USA-VTB-00B Datasheet
271Kb / 2P
   45 WATT AC-DC CONVERTER
VTB-C-D ETA-USA-VTB-C-D Datasheet
6Mb / 3P
   45W Triple output DC/DC
VTB-FWA ETA-USA-VTB-FWA Datasheet
559Kb / 4P
   45 WATT AC-DC CONVERTER VTB-FWA
More results

Similar Description - VTBT5UF201

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
VT4T5UF2021 SHARP-VT4T5UF2021 Datasheet
105Kb / 8P
   Combination Tuner/Demodulator/Modulator
VT5F9MN0006 SHARP-VT5F9MN0006 Datasheet
54Kb / 5P
   RF Data Sheet RF Modulator
logo
NXP Semiconductors
TDA2520 PHILIPS-TDA2520 Datasheet
143Kb / 4P
   COLOUR DEMODULATOR COMBINATION
January 1977
TDA2522 PHILIPS-TDA2522 Datasheet
158Kb / 4P
   COLOUR DEMODULATOR COMBINATION
January 1977
logo
ANADIGICS, Inc
ACU2109 ANADIGICS-ACU2109 Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
logo
Pasternack Enterprises,...
PE6TR006 PASTERNACK-PE6TR006 Datasheet
342Kb / 3P
   RF Terminations Technical Data Sheet
PE6TR009 PASTERNACK-PE6TR009 Datasheet
351Kb / 3P
   RF Terminations Technical Data Sheet
PE6TR014 PASTERNACK-PE6TR014 Datasheet
352Kb / 3P
   RF Terminations Technical Data Sheet
PE4949 PASTERNACK-PE4949 Datasheet
315Kb / 3P
   RF Connectors Technical Data Sheet
PE4666 PASTERNACK-PE4666 Datasheet
355Kb / 3P
   RF Connectors Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com