Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3G4200D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L3G4200D
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L3G4200D Datasheet HTML 6Page - STMicroelectronics L3G4200D Datasheet HTML 7Page - STMicroelectronics L3G4200D Datasheet HTML 8Page - STMicroelectronics L3G4200D Datasheet HTML 9Page - STMicroelectronics L3G4200D Datasheet HTML 10Page - STMicroelectronics L3G4200D Datasheet HTML 11Page - STMicroelectronics L3G4200D Datasheet HTML 12Page - STMicroelectronics L3G4200D Datasheet HTML 13Page - STMicroelectronics L3G4200D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Mechanical and electrical characteristics
L3G4200D
10/42
Doc ID 17116 Rev 3
2
Mechanical and electrical characteristics
2.1
Mechanical characteristics
Table 4.
Mechanical characteristics @ Vdd = 3.0 V, T = 25 °C, unless otherwise noted(1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
FS
Measurement range
User-selectable
±250
dps
±500
±2000
So
Sensitivity
FS = 250 dps
8.75
mdps/digit
FS = 500 dps
17.50
FS = 2000 dps
70
SoDr
Sensitivity change vs.
temperature
From -40 °C to +85 °C
±2
%
DVoff
Digital zero-rate level
FS = 250 dps
±10
dps
FS = 500 dps
±15
FS = 2000 dps
±75
OffDr
Zero-rate level change
vs. temperature(3)
FS = 250 dps
±0.03
dps/°C
FS = 2000 dps
±0.04
dps/°C
NL
Non linearity(4)
Best fit straight line
0.2
% FS
DST
Self-test output change
FS = 250 dps
130
dps
FS = 500 dps
200
FS = 2000 dps
530
Rn
Rate noise density
BW = 50 Hz
0.03
dps/
sqrt(Hz)
ODR
Digital output data rate
100/200/
400/800
Hz
Top
Operating temperature
range
-40
+85
°C
1.
The product is factory calibrated at 3.0 V. The operational power supply range is specified in
Table 5.
2.
Typical specifications are not guaranteed.
3.
Min/max values have been estimated based on the measurements of the current gyros in production.
4.
Guaranteed by design.


Similar Part No. - L3G4200D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3G4200DTR STMICROELECTRONICS-L3G4200DTR Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
More results

Similar Description - L3G4200D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3G4IS STMICROELECTRONICS-L3G4IS Datasheet
478Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
Rev 1 December 2011
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
   MEMS motion sensor three-axis digital output accelerometer
October 2017 Rev 3
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
   MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
December 2013 Rev 3
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
   MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
   MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
January 2017 Rev 2
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
   MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Rev 8 - July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com