Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP565D2TG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP565D2TG
Description  1.5 A Low Dropout Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP565D2TG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP565D2TG Datasheet HTML 1Page - ON Semiconductor NCP565D2TG Datasheet HTML 2Page - ON Semiconductor NCP565D2TG Datasheet HTML 3Page - ON Semiconductor NCP565D2TG Datasheet HTML 4Page - ON Semiconductor NCP565D2TG Datasheet HTML 5Page - ON Semiconductor NCP565D2TG Datasheet HTML 6Page - ON Semiconductor NCP565D2TG Datasheet HTML 7Page - ON Semiconductor NCP565D2TG Datasheet HTML 8Page - ON Semiconductor NCP565D2TG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP565/NCV565
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
Vin
18
V
Output Pin Voltage
Vout
−0.3 to Vin + 0.3
V
Adjust Pin Voltage
Vadj
−0.3 to Vin + 0.3
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device series contains ESD protection and exceeds the following tests:
Human Body Model JESD 22−A114−B
Machine Model JESD 22−A115−A
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics SOT−223 (Notes 1, 2)
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Pin
RqJA
RqJP
107
12
°C/W
Thermal Characteristics DFN6 (Notes 1, 2)
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Pin
RqJA
RqJP
176
37
°C/W
Thermal Characteristics D2PAK (5ld) (Notes 1, 2)
Thermal Resistance, Junction−to−Case
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Pin
RqJC
RqJA
RqJP
3
105
4
°C/W
OPERATING RANGES
Rating
Symbol
Value
Unit
Operating Input Voltage (Note 1)
Vin
Vout + VDO,
2.5 (Note 3) to 9
V
Operating Junction Temperature Range
TJ
−40 to 150
°C
Operating Ambient Temperature Range
TA
−40 to 125
°C
Storage Temperature Range
Tstg
−55 to 150
°C
1. Refer to Electrical Characteristics and Application Information for Safe Operating Area.
2. As measured using a copper heat spreading area of 50 mm2, 1 oz copper thickness.
3. Minimum Vin = (Vout + VDO) or 2.5 V, whichever is higher.


Similar Part No. - NCP565D2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565D2TG ONSEMI-NCP565D2TG Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results

Similar Description - NCP565D2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
[Old version datasheet]   TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com