Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4629 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4629
Description  500 mA, Wide Input Range, LDO Linear Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4629 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4629_11 Datasheet HTML 1Page - ON Semiconductor NCP4629_11 Datasheet HTML 2Page - ON Semiconductor NCP4629_11 Datasheet HTML 3Page - ON Semiconductor NCP4629_11 Datasheet HTML 4Page - ON Semiconductor NCP4629_11 Datasheet HTML 5Page - ON Semiconductor NCP4629_11 Datasheet HTML 6Page - ON Semiconductor NCP4629_11 Datasheet HTML 7Page - ON Semiconductor NCP4629_11 Datasheet HTML 8Page - ON Semiconductor NCP4629_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCP4629
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
0
200
400
600
800
1000
IOUT, OUTPUT CURRENT (mA)
Figure 3. Output Voltage vs. Output Current,
VOUT = 5 V
VIN = 5.5 V
9.0 V
7.0 V
6.0 V
0
1
2
3
4
5
6
7
0
200
400
600
800
1000
1200
IOUT, OUTPUT CURRENT (mA)
Figure 4. Output Voltage vs. Output Current,
VOUT = 6 V
VIN = 6.5 V
7.0 V
8.0 V
10 V
0
2
4
6
8
10
12
14
0
200
400
600
800
1000
IOUT, OUTPUT CURRENT (mA)
Figure 5. Output Voltage vs. Output Current,
VOUT = 12 V
VIN = 12.5 V
13 V
15 V
16 V
0
1
2
3
4
5
6
0123
4567
89
10
IOUT = 0.1 mA
100 mA
500 mA
VIN, INPUT VOLTAGE (V)
Figure 6. Output Voltage vs. Input Voltage,
VOUT = 5 V
0
1
2
3
4
5
6
7
0
123456789
10
VIN, INPUT VOLTAGE (V)
Figure 7. Output Voltage vs. Input Voltage,
VOUT = 6 V
IOUT = 0.1 mA
100 mA
500 mA
0
2
4
6
8
10
12
14
03
69
12
15
VIN, INPUT VOLTAGE (V)
Figure 8. Output Voltage vs. Input Voltage,
VOUT = 12 V
IOUT = 0.1 mA
100 mA
500 mA


Similar Part No. - NCP4629_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
More results

Similar Description - NCP4629_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com