Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F405XX Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F405XX
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405XX Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F405XX Datasheet HTML 74Page - STMicroelectronics STM32F405XX Datasheet HTML 75Page - STMicroelectronics STM32F405XX Datasheet HTML 76Page - STMicroelectronics STM32F405XX Datasheet HTML 77Page - STMicroelectronics STM32F405XX Datasheet HTML 78Page - STMicroelectronics STM32F405XX Datasheet HTML 79Page - STMicroelectronics STM32F405XX Datasheet HTML 80Page - STMicroelectronics STM32F405XX Datasheet HTML 81Page - STMicroelectronics STM32F405XX Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
78/154
Doc ID 022152 Rev 1
Figure 25.
ACCLSI versus temperature
5.3.10
PLL characteristics
The parameters given in Table 31 and Table 32 are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 10.
Table 31.
Main PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(1)
0.95(2)
12.0(3)
MHz
fPLL_OUT
PLL multiplier output clock
24
-
168
MHz
fPLL48_OUT
48 MHz PLL multiplier output
clock
-48
-
MHz
fVCO_OUT
PLL VCO output
192
-
432
MHz
tLOCK
PLL lock time
VCO freq = 192 MHz
75
-
200
µs
VCO freq = 432 MHz
100
-
300


Similar Part No. - STM32F405XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405xx STMICROELECTRONICS-STM32F405xx Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405xx STMICROELECTRONICS-STM32F405xx Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
STM32F405XX STMICROELECTRONICS-STM32F405XX Datasheet
5Mb / 201P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
October 2015
STM32F405XX STMICROELECTRONICS-STM32F405XX Datasheet
5Mb / 203P
   Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
August 2020
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
More results

Similar Description - STM32F405XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F205XX STMICROELECTRONICS-STM32F205XX Datasheet
3Mb / 170P
   USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F205RBT7 STMICROELECTRONICS-STM32F205RBT7 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
June 2011 Rev 7
STM32F207ZET6 STMICROELECTRONICS-STM32F207ZET6 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F207VCT6 STMICROELECTRONICS-STM32F207VCT6 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F407IGH6 STMICROELECTRONICS-STM32F407IGH6 Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405VGT6 STMICROELECTRONICS-STM32F405VGT6 Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F205ZET6 STMICROELECTRONICS-STM32F205ZET6 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com