Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD16N65M5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD16N65M5
Description  N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in D짼PAK, DPAK
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16N65M5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD16N65M5 Datasheet HTML 7Page - STMicroelectronics STD16N65M5 Datasheet HTML 8Page - STMicroelectronics STD16N65M5 Datasheet HTML 9Page - STMicroelectronics STD16N65M5 Datasheet HTML 10Page - STMicroelectronics STD16N65M5 Datasheet HTML 11Page - STMicroelectronics STD16N65M5 Datasheet HTML 12Page - STMicroelectronics STD16N65M5 Datasheet HTML 13Page - STMicroelectronics STD16N65M5 Datasheet HTML 14Page - STMicroelectronics STD16N65M5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STB16N65M5, STD16N65M5
Package mechanical data
Doc ID 18146 Rev 2
11/19
Table 8.
D²PAK (TO-263) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
A1
0.03
0.23
b
0.70
0.93
b2
1.14
1.70
c
0.45
0.60
c2
1.23
1.36
D
8.95
9.35
D1
7.50
E10
10.40
E1
8.50
e2.54
e1
4.88
5.28
H15
15.85
J1
2.49
2.69
L
2.29
2.79
L1
1.27
1.40
L2
1.30
1.75
R0.4
V2


Similar Part No. - STD16N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16N65M5 STMICROELECTRONICS-STD16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
logo
Inchange Semiconductor ...
STD16N65M5 ISC-STD16N65M5 Datasheet
308Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STD16N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
STB18N65M5 STMICROELECTRONICS-STB18N65M5 Datasheet
1,021Kb / 18P
   N-channel 650 V, 0.198 廓 typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
STD18N65M5 STMICROELECTRONICS-STD18N65M5 Datasheet
1,021Kb / 18P
   N-channel 650 V, 0.198 廓 typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
STW16N65M5 STMICROELECTRONICS-STW16N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247
STD18N55M5 STMICROELECTRONICS-STD18N55M5 Datasheet
1Mb / 22P
   N-channel 550 V, 0.18 廓, 13 A, MDmesh??V Power MOSFET in D짼PAK, DPAK, TO-220FP and TO-220
STB8N65M5 STMICROELECTRONICS-STB8N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
STB50N25M5 STMICROELECTRONICS-STB50N25M5 Datasheet
903Kb / 14P
   N-channel 250 V, 0.065 廓, 28 A, MDmesh V Power MOSFET in DPAK package
STP32N65M5 STMICROELECTRONICS-STP32N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
STY112N65M5 STMICROELECTRONICS-STY112N65M5 Datasheet
856Kb / 12P
   N-channel 650 V, 0.019 廓, 96 A, MDmesh??V Power MOSFET in Max247 package
STW35N65M5 STMICROELECTRONICS-STW35N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com