Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

253QS24E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 253QS24E
Description  GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

253QS24E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  253QS24E Datasheet HTML 1Page - Hittite Microwave Corporation 253QS24E Datasheet HTML 2Page - Hittite Microwave Corporation 253QS24E Datasheet HTML 3Page - Hittite Microwave Corporation 253QS24E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9
9 - 134
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC253QS24 / 253QS24E
GaAs MMIC SP8T NON-REFLECTIVE
SWITCH, DC - 2.5 GHz
v04.0805
General Description
Features
Functional Diagram
Low Insertion Loss (2 GHz): 1.3dB
Single Positive Supply: Vdd = +5V
Integrated 3:8 TTL Decoder
24 Lead QSOP Package
Electrical Specifications,
T
A = +25° C, For TTL Control and Vdd = +5V in a 50 Ohm system
Typical Applications
The HMC253QS24 / HMC253QS24E is ideal for
DC - 2.5 GHz applications:
• CATV/DBS
• CDMA
• Cellular/PCS
The HMC253QS24 & HMC253QS24E are low-cost
non-reflective
SP8T
switches
in
24-lead
QSOP
packages featuring wideband operation from DC
to 2.5 GHz. The switch offers a single positive bias
and true TTL/CMOS compatibility. A 3:8 decoder
is integrated on the switch requiring only 3 control
lines and a positive bias to select each path. The
HMC253QS24 & HMC253QS24E SP8T will replace
multiple configurations of SP4T and SPDT MMIC
switches.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
1.1
1.3
1.8
1.5
1.7
2.4
dB
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
32
26
24
36
30
28
dB
dB
dB
Return Loss
“On State”
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
14
9
6
18
12
8
dB
dB
dB
Return Loss (RF1-8)
“Off State”
0.3 - 2.5 GHz
0.5 - 2.5 GHz
7
10
10
13
dB
dB
Input Power for 1 dB Compression
0.3 - 2.5 GHz
20
23
dBm
Input Third Order Intercept
(Two-Tone Input Power = +7 dBm Each Tone)
0.3 - 2.5 GHz
40
43
dBm
Switching Characteristics
0.3 - 2.5 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
30
100
ns
ns


Similar Part No. - 253QS24E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
253QS24E HITTITE-253QS24E Datasheet
265Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
More results

Similar Description - 253QS24E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC253QS24 HITTITE-HMC253QS24_06 Datasheet
265Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC322 HITTITE-HMC322_09 Datasheet
176Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
HMC183QS24 HITTITE-HMC183QS24 Datasheet
216Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4_08 Datasheet
277Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC183QS24 HITTITE-HMC183QS24_08 Datasheet
185Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com