Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKL33 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SKL33
Description  Surface Mount Schottky Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SKL33 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SKL33 Datasheet HTML 1Page - Diotec Semiconductor SKL33 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SKL32 ... SKL36
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
IR
typ. 30µA
< 200 µA
< 18 mA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 110 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 30 K/W
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
SKL32...34
SKL35...36
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0
V
F
0.4
0.6
[V]
1.0
10
10
1
10
10
2
-1
-2
SKL35...36
SKL32...34
T = 25°C
j


Similar Part No. - SKL33

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SKL33 DIOTEC-SKL33 Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SKL33 DIOTEC-SKL33 Datasheet
154Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL33 DIOTEC-SKL33 Datasheet
135Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
Taiwan Semiconductor Co...
SKL33B TSC-SKL33B Datasheet
48Kb / 2P
   3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
More results

Similar Description - SKL33

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK12 DIOTEC-SK12_14 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK52 DIOTEC-SK52_14 Datasheet
112Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK82 DIOTEC-SK82_14 Datasheet
113Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SGL34-20 DIOTEC-SGL34-20_11 Datasheet
101Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_11 Datasheet
120Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420 Datasheet
109Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_13 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK310SMB DIOTEC-SK310SMB Datasheet
97Kb / 2P
   Surface Mount Schottky Rectifier Diodes
PPS1520 DIOTEC-PPS1520 Datasheet
150Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK12 DIOTEC-SK12_13 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420_14 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com