Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKL15 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SKL15
Description  Surface Mount Schottky Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SKL15 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SKL15 Datasheet HTML 1Page - Diotec Semiconductor SKL15 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SKL12 ... SKL110
SKL12 ... SKL110
Surface Mount Schottky Rectifier Diodes
Schottky-Gleichrichterdioden für die Oberflächenmontage
Version 2011-07-12
Dimensions - Maße [mm]
Nominal current
Nennstrom
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case
Kunststoffgehäuse
Power SOD-123
Weight approx. – Gewicht ca.
0.02g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak
reverse voltage
Periodische
Spitzensperrspannung
VRRM [V]
Surge peak
reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-
Spannung
VF [V] 1)
Marking
Kennzeichnung
2)
SKL12
20
20
< 0.55
S2 / SS2
SKL13
30
30
< 0.55
S3 / SS3
SKL14
40
40
< 0.55
S4 / SS4
SKL15
50
50
< 0.70
S5 / SS5
SKL16
60
60
< 0.70
S6 / SS6
SKL18
80
80
< 0.85
S8 / SS8
SKL110
100
100
< 0.85
S10 / SS10
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C IFAV
1 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
4 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
20/22 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
2 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
IF = 1 A, Tj = 25°C
2
Alternatively – Alternativ
3
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
3.7 0.2
±
2.7 0.2
±
Type
Code
1.3
0.8


Similar Part No. - SKL15

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SKL15 DIOTEC-SKL15 Datasheet
102Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SKL15 DIOTEC-SKL15 Datasheet
152Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL15 DIOTEC-SKL15 Datasheet
159Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
celduc-relais
SKL15240 CELDUC-SKL15240 Datasheet
168Kb / 3P
   Solid State Relay for printed circuit board
More results

Similar Description - SKL15

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK12 DIOTEC-SK12_14 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK52 DIOTEC-SK52_14 Datasheet
112Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK82 DIOTEC-SK82_14 Datasheet
113Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SGL34-20 DIOTEC-SGL34-20_11 Datasheet
101Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_11 Datasheet
120Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420 Datasheet
109Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_13 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK310SMB DIOTEC-SK310SMB Datasheet
97Kb / 2P
   Surface Mount Schottky Rectifier Diodes
PPS1520 DIOTEC-PPS1520 Datasheet
150Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK12 DIOTEC-SK12_13 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420_14 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com