Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK2045YD2 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SK2045YD2
Description  Surface Mount Schottky Rectifiers ??Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK2045YD2 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SK2045YD2 Datasheet HTML 1Page - Diotec Semiconductor SK2045YD2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK2020YD2 ... SK2045YD2
SK2020YD2 ... SK2045YD2
Surface Mount Schottky Rectifiers – Single Diode
Schottky-Gleichrichter für die Oberflächenmontage – Einzeldiode
Version 2011-10-11
Dimensions - Maße [mm]
Nominal Current
Nennstrom
20 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...45 V
Plastic case
Kunststoffgehäuse
TO-263AB
D²PAK
Weight approx. – Gewicht ca.
1.6 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive / Surge peak reverse voltage
Periodische- / Spitzensperrspannung
VRRM [V] / VRSM [V]
Forward Voltage
Durchlass-Spannung
VF [V] Tj = 125°C
Forward Voltage
Durchlass-Spannung
VF [V] Tj = 25°C
IF = 5 A
IF = 5 A
IF = 20 A
SK2020YD2
30
typ. 0.31
< 0.50
< 0.58
SK2030YD2
30
typ. 0.31
< 0.50
< 0.58
SK2040YD2
40
typ. 0.31
< 0.50
< 0.58
SK2045YD2
45
typ. 0.31
< 0.50
< 0.58
Max. average forward rectified current (AC), R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
20 A
Max. current in DC forward mode
Dauergrenzstrom bei Gleichstrom-Durchlassbetrieb
TC = 130°C
IFAV
20 A
Repetitive peak forward current – Periodischer Spitzenstrom
f > 15 Hz
IFRM
55 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
280/320 A
Rating for fusing – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
390 A2s
Junction temperature – Sperrschichttemperatur
in DC forward mode – bei Gleichstrom-Durchlassbetrieb
Storage temperature – Lagerungstemperatur
Tj
Tj
TS
-50...+150°C
≤ 200°C 2)
-50...+175°C
Leakage current
Sperrstrom
VR = VRRM
Tj = 25°C
Tj = 25°C
Tj = 100°C
IR
< 200 µA
typ. 120 µA
typ. 15 mA
Thermal resistance junction to case
Wärmewiderstand Sperrschicht - Gehäuse
RthC
< 1.5 K/W
1
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
2
For more details, ask for the Diotec Application Note “Reliability of Bypass Diodes”
Weitere Infos in der Diotec Applikationsschrift „Reliability of Bypass Diodes”
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.4
4.5 0.2
±
1.2
5.08
0.8
1.3
10.25 ±0.5
1
Type
Typ
3
2
4
1
2/4
3


Similar Part No. - SK2045YD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK2045YD2 DIOTEC-SK2045YD2 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers . Single Diode
SK2045YD2 DIOTEC-SK2045YD2 Datasheet
176Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SK2045YD2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK2020YD2 DIOTEC-SK2020YD2_13 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers . Single Diode
SK1020D2 DIOTEC-SK1020D2_12 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D2 DIOTEC-SK1020D2_10 Datasheet
114Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1020D1 DIOTEC-SK1020D1_09 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1520YD2 DIOTEC-SK1520YD2 Datasheet
136Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com