Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR12010YMK Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMR12010YMK
Description  SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMR12010YMK Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMR12010YMK Datasheet HTML 6Page - National Semiconductor (TI) LMR12010YMK Datasheet HTML 7Page - National Semiconductor (TI) LMR12010YMK Datasheet HTML 8Page - National Semiconductor (TI) LMR12010YMK Datasheet HTML 9Page - National Semiconductor (TI) LMR12010YMK Datasheet HTML 10Page - National Semiconductor (TI) LMR12010YMK Datasheet HTML 11Page - National Semiconductor (TI) LMR12010YMK Datasheet HTML 12Page - National Semiconductor (TI) LMR12010YMK Datasheet HTML 13Page - National Semiconductor (TI) LMR12010YMK Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
//htmlimg2.alldatasheet.com/htmldatasheet2/435198/NSC/LMR12010YMK/634/10/LMR12010YMK.png


Similar Part No. - LMR12010YMK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR12010YMK TI1-LMR12010YMK Datasheet
381Kb / 18P
[Old version datasheet]   LMR12010 SIMPLE SWITCHER 짰 20Vin, 1A Step-Down Voltage Regulator in
LMR12010YMK/NOPB TI-LMR12010YMK/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR12010YMKE TI1-LMR12010YMKE Datasheet
381Kb / 18P
[Old version datasheet]   LMR12010 SIMPLE SWITCHER 짰 20Vin, 1A Step-Down Voltage Regulator in
LMR12010YMKE/NOPB TI-LMR12010YMKE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR12010YMKX TI1-LMR12010YMKX Datasheet
381Kb / 18P
[Old version datasheet]   LMR12010 SIMPLE SWITCHER 짰 20Vin, 1A Step-Down Voltage Regulator in
More results

Similar Description - LMR12010YMK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10510 TI-LMR10510 Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014 Datasheet
366Kb / 12P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR10510 TI1-LMR10510_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com