Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT1045 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SBT1045
Description  Schottky Barrier Rectifier Diodes - Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBT1045 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SBT1045 Datasheet HTML 1Page - Diotec Semiconductor SBT1045 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBT1020 ... SBT10100
SBT1020 ... SBT10100
Schottky Barrier Rectifier Diodes – Single Diode
Schottky-Barrier-Gleichrichterdioden – Einzeldiode
Version 2010-03-31
Dimensions - Maße [mm]
Nominal current
Nennstrom
10 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case – Kunststoffgehäuse
TO-220AC
Weight approx.
Gewicht ca.
1.8 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1)
IF = 5 A
IF = 10 A
SBT1020
20
20
< 0.48
< 0.55
SBT1030
30
30
< 0.48
< 0.55
SBT1040
40
40
< 0.48
< 0.55
SBT1045
45
45
< 0.48
< 0.55
SBT1050
50
50
< 0.63
< 0.70
SBT1060
60
60
< 0.63
< 0.70
SBT1090
90
90
< 0.78
< 0.85
SBT10100
100
100
< 0.78
< 0.85
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
10 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SBT1020...
SBT1060
TA = 25°C
IFSM
135/150 A
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SBT1090...
SBT10100
TA = 25°C
IFSM
115/125 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
80 A2s
Junction temperature – Sperrschichttemperatur
in DC forward mode – bei Gleichstrom-Durchlassbetrieb
Tj
Tj
-50...+150°C
≤ 200°C
1
Tj = 25°C
1
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
4
3
1
Type
Typ
5.08±0.1
0.8±0.2
1.3
±0.1
10.1
±0.3
Ø
±0.2
3.8
1.2
±0.2
0.42±0.4
4.5
±0.2
2.67±0.2
4
3
1


Similar Part No. - SBT1045

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBT1045 DIOTEC-SBT1045 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
SBT1045 DIOTEC-SBT1045 Datasheet
113Kb / 2P
   Schottky Barrier Rectifiers - Single Diode
SBT1045 DIOTEC-SBT1045 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes . Single Diode
SBT1045 DIOTEC-SBT1045 Datasheet
170Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
SBT1045CT SUNMATE-SBT1045CT Datasheet
565Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBT1045

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBJ2620 DIOTEC-SBJ2620 Datasheet
121Kb / 2P
   Schottky Barrier Rectifier Diodes - Single Diode
SBT1020 DIOTEC-SBT1020_13 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes . Single Diode
SBJ1820 DIOTEC-SBJ1820 Datasheet
121Kb / 2P
   Schottky Barrier Rectifier Diodes - Single Diode
SBQ1020 DIOTEC-SBQ1020 Datasheet
139Kb / 2P
   Schottky Barrier Rectifier Diodes ??Single Diode
logo
AiT Semiconductor Inc.
RB550V-30 AITSEMI-RB550V-30 Datasheet
615Kb / 7P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB551V-30 AITSEMI-RB551V-30 Datasheet
424Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB050L-40 AITSEMI-RB050L-40 Datasheet
454Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB491D AITSEMI-RB491D Datasheet
447Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB520S-30 AITSEMI-RB520S-30 Datasheet
427Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.2
B5817W AITSEMI-B5817W Datasheet
566Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com