Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT2620 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SBT2620
Description  Schottky Barrier Rectifiers ??Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBT2620 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SBT2620 Datasheet HTML 1Page - Diotec Semiconductor SBT2620 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBT2620 ... SBT2640
SBT2620 ... SBT2640
Schottky Barrier Rectifiers – Single Diode
Schottky-Barrier-Gleichrichter – Einzeldiode
Version 2009-09-21
Dimensions - Maße [mm]
Nominal current
Nennstrom
26 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...40 V
Plastic case – Kunststoffgehäuse
TO-220AC
Weight approx.
Gewicht ca.
1.8 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1)
IF = 5 A
IF = 26 A
SBT2620
20
20
< 0.50
< 0.59
SBT2630
30
30
< 0.50
< 0.59
SBT2640
40
40
< 0.50
< 0.59
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
26 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
60 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SBT1820...
SBT1840
TA = 25°C
IFSM
290/330 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
420 A2s
Junction temperature – Sperrschichttemperatur
in DC forward mode – bei Gleichstrom-Durchlassbetrieb
Tj
Tj
-50...+150°C
≤ 200°C
1
Tj = 25°C
2
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
10±0.2
1.5
0.9
5.08
3.8
Type
Typ
1 2 3
4
1 2 3
4


Similar Part No. - SBT2620

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SBT2 PANASONIC-SBT2 Datasheet
400Kb / 30P
   8-bit Single-chip Microcontroller
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Mallory Sonalert Produc...
SBT200FL MSPI-SBT200FL Datasheet
46Kb / 1P
   cUL Recognized as Capable of meeting Medical Spec IEC60601-1-8
SBT200PC MSPI-SBT200PC Datasheet
83Kb / 1P
   Mode of Operation: Medical Spec IEC60601-1-8
More results

Similar Description - SBT2620

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBT1820 DIOTEC-SBT1820 Datasheet
121Kb / 2P
   Schottky Barrier Rectifiers ??Single Diode
SBT1820 DIOTEC-SBT1820_13 Datasheet
132Kb / 2P
   Schottky Barrier Rectifiers . Single Diode
SBT1020 DIOTEC-SBT1020_07 Datasheet
113Kb / 2P
   Schottky Barrier Rectifiers - Single Diode
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com