Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1312 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1312
Description  Nonvolatile Controller with Lithium Battery Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1312 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1312 Datasheet HTML 1Page - Dallas Semiconductor DS1312 Datasheet HTML 2Page - Dallas Semiconductor DS1312 Datasheet HTML 3Page - Dallas Semiconductor DS1312 Datasheet HTML 4Page - Dallas Semiconductor DS1312 Datasheet HTML 5Page - Dallas Semiconductor DS1312 Datasheet HTML 6Page - Dallas Semiconductor DS1312 Datasheet HTML 7Page - Dallas Semiconductor DS1312 Datasheet HTML 8Page - Dallas Semiconductor DS1312 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
091404
FEATURES
§ Converts CMOS SRAM into nonvolatile
memory
§ Unconditionally write-protects SRAM when
VCC is out of tolerance
§ Automatically switches to battery backup
supply when VCC power failure occurs
§ Monitors voltage of a lithium cell and
provides advanced warning of impending
battery failure
§ Signals low-battery condition on active low
Battery Warning output signal
§ Optional 5% or 10% power-fail detection
§ Space-saving 8-pin DIP and SOIC packages
§ Optional 16-pin SOIC and 20-pin TSSOP
versions reset processor when power failure
occurs and hold processor in reset during
system power-up
§ Industrial temperature range of -40°C to
+85°C
PIN ASSIGNMENT
PIN DESCRIPTION
VCCI
- +5V Power Supply Input
VCCO
- SRAM Power Supply Output
VBAT
- Backup Battery Input
CEI
- Chip Enable Input
CEO
- Chip Enable Output
TOL
- VCC Tolerance Select
BW
- Battery Warning Output
(Open Drain)
RST
- Reset Output (Open Drain)
GND
- Ground
NC
- No Connection
DESCRIPTION
The DS1312 Nonvolatile Controller with Battery Monitor is a CMOS circuit which solves the application
problem of converting CMOS RAM into nonvolatile memory. Incoming power is monitored for an out-
of-tolerance condition. When such a condition is detected, chip enable is inhibited to accomplish write
protection and the battery is switched on to supply the RAM with uninterrupted power. Special circuitry
uses a low-leakage CMOS process which affords precise voltage detection at extremely low battery
consumption.
DS1312
Nonvolatile Controller with Lithium
Battery Monitor
www.dalsemi.com
1
2
3
4
20
19
18
17
5
6
7
8
9
10
11
12
13
14
15
16
NC
VCCI
RST
NC
NC
BW
NC
CEO
NC
CEI
NC
VCCO
NC
VBAT
NC
NC
TOL
NC
NC
GND
DS1312E 20-Pin TSSOP
1
2
3
4
8
7
6
5
GND
TOL
VBAT
VCCO
VCCI
BW
CEO
CEI
DS1312S-2 8-Pin SOIC
(150-mil)
1
2
3
4
8
7
6
5
GND
TOL
VBAT
VCCO
VCCI
BW
CEO
CEI
DS1312 8-Pin DIP
(300-mil)
1
2
3
4
16
15
14
13
5
6
7
89
10
11
12
NC
VCCO
NC
VBAT
NC
TOL
NC
GND
NC
VCCI
RST
NC
BW
CEO
NC
CEI
DS1312S 16-Pin SOIC
(300-mil)


Similar Part No. - DS1312

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1312 DALLAS-DS1312 Datasheet
202Kb / 11P
   Nonvolatile Controller with Lithium Battery Monitor
logo
ARTSCHIP ELECTRONICS CO...
DS1312 ARTSCHIP-DS1312 Datasheet
322Kb / 10P
   Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1312 MAXIM-DS1312 Datasheet
507Kb / 12P
   Nonvolatile Controller with Lithium Battery Monitor
19-6306; Rev 6/12
DS1312++ MAXIM-DS1312+ Datasheet
507Kb / 12P
   Nonvolatile Controller with Lithium Battery Monitor
19-6306; Rev 6/12
DS1312E++ MAXIM-DS1312E+ Datasheet
507Kb / 12P
   Nonvolatile Controller with Lithium Battery Monitor
19-6306; Rev 6/12
More results

Similar Description - DS1312

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1312 DALLAS-DS1312 Datasheet
202Kb / 11P
   Nonvolatile Controller with Lithium Battery Monitor
logo
ARTSCHIP ELECTRONICS CO...
DS1312 ARTSCHIP-DS1312 Datasheet
322Kb / 10P
   Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1312 MAXIM-DS1312 Datasheet
507Kb / 12P
   Nonvolatile Controller with Lithium Battery Monitor
19-6306; Rev 6/12
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
DS1321 DALLAS-DS1321 Datasheet
220Kb / 12P
   Flexible Nonvolatile Controller with Lithium Battery Monitor
logo
ARTSCHIP ELECTRONICS CO...
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Dallas Semiconductor
DS1321 DALLAS-DS1321_04 Datasheet
202Kb / 12P
   Flexible Nonvolatile Controller with Lithium Battery Monitor
DS1314 DALLAS-DS1314 Datasheet
201Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1314 MAXIM-DS1314 Datasheet
490Kb / 12P
   3V Nonvolatile Controller with Lithium Battery Monitor
19-6307; Rev 6/12
DS1321 MAXIM-DS1321 Datasheet
534Kb / 13P
   Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com