Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE150 Datasheet(PDF) 4 Page - Diotec Semiconductor

Part # P6KE150
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6KE150 Datasheet(HTML) 4 Page - Diotec Semiconductor

  P6KE150 Datasheet HTML 1Page - Diotec Semiconductor P6KE150 Datasheet HTML 2Page - Diotec Semiconductor P6KE150 Datasheet HTML 3Page - Diotec Semiconductor P6KE150 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P6KE6.8 ... P6KE440CA, P6KE520CA
1
The range of type numbers is graded to the international E 24 standard. The standard tolerance of the
breakdown voltage for each type is ± 10%. Suffix “A” denotes a tolerance of ± 5% for the breakdown
voltage.
e.g.:
P6KE51C = bidirectional diode, VBR = 51 V (± 10%), VWM ≥ 41.3 V at ID = 5 μA
P6KE9.1A = unidirectional diode, VBR = 9.1 V (± 5%), VWM ≥ 7.7 V at ID = 50 μA
Die Abstufung der Typen innerhalb der Reihe entspricht dem internationalen E 24-Standard. Die Toleranz der
Abbruchspannung jedes einzelnen Typs beträgt in der Standardausführung ± 10%. Suffix “A” kennzeichnet
eine Toleranz der Abbruchspannung von ± 5%.
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
4
http://www.diotec.com/
© Diotec Semiconductor AG
10/1000µs - pulse waveform
10/1000µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
1
2
3
4
[ms]
[%]
t
P
I/2
PPM
P/2
PPM
t = 10 µs
r
120
100
80
60
40
20
0
[%]
P
PP
Peak pulse power/current vs. ambient temperature )
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
I
PP
10
10
1
0.1
2
P
PP
0.1µs
t
1µs
10µs
100µs
1ms
10ms
P
[kW]
Non repetitive peak pulse power versus pulse width (10/1000 wave form)
Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls)


Similar Part No. - P6KE150

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE150 PANJIT-P6KE150 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yangzhou yangjie electr...
P6KE150 YANGJIE-P6KE150 Datasheet
189Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE150 TSC-P6KE150 Datasheet
185Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE150 MICROSEMI-P6KE150 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Shenzhen Luguang Electr...
P6KE150 LUGUANG-P6KE150 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE150

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com