Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST1600M Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # PST1600M
Description  Silicon Rectifier Diodes - Half Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PST1600M Datasheet(HTML) 1 Page - Diotec Semiconductor

  PST1600M Datasheet HTML 1Page - Diotec Semiconductor PST1600M Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PST1600A ... PST1600M
PST1600A ... PST1600M
Silicon Rectifier Diodes – Half Bridge
Silizium-Gleichrichterdioden– Halbbrücke
Version 2010-03-31
Dimensions - Maße [mm]
Nominal current
Nennstrom
16 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1000 V
Plastic case
Kunststoffgehäuse
TO-220AB
Weight approx.
Gewicht ca.
1.8 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V] 1)
Forward voltage
Durchlass-Spannung
VF [V] 1), Tj = 25°C
IF = 5 A
IF = 8 A
PST1600A
50
50
< 1.0
< 1.1
PST1600B
100
100
< 1.0
< 1.1
PST1600D
200
200
< 1.0
< 1.1
PST1600G
400
400
< 1.0
< 1.1
PST1600J
600
600
< 1.0
< 1.1
PST1600K
800
800
< 1.0
< 1.1
PST1600M
1000
1000
< 1.0
< 1.1
Max. average forward current, R-load
Dauergrenzstrom mit R-Last
TC = 100°C
TC = 100°C
IFAV
IFAV
8 A 1)
16 A 2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
135/150 A 1)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
90 A2s 1)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
1
Per diode – Pro Diode
2
Output current when operating two devices in a full bridge configuration
Ausgangstrom bei Betrieb zweier Bauteile als Vollbrücke
3
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
4
3
2
1
4
3
1
Type
Typ
2.54
±0.1
0.8±0.2
1.3
±0.1
10.1
±0.3
Ø
±0.2
3.8
1.2
±0.2
0.42
±0.4
4.5
±0.2
2.67±0.2
2


Similar Part No. - PST1600M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PST1600M DIOTEC-PST1600M Datasheet
119Kb / 2P
   Silicon Rectifiers - Half Bridge
PST1600M DIOTEC-PST1600M Datasheet
122Kb / 2P
   Silicon Rectifier Diodes . Half Bridge
PST1600M DIOTEC-PST1600M Datasheet
122Kb / 2P
   Silicon Rectifier Diodes - Half Bridge
More results

Similar Description - PST1600M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PST1600A DIOTEC-PST1600A_13 Datasheet
122Kb / 2P
   Silicon Rectifier Diodes . Half Bridge
PST1600A DIOTEC-PST1600A_15 Datasheet
122Kb / 2P
   Silicon Rectifier Diodes - Half Bridge
S16ASD2 DIOTEC-S16ASD2 Datasheet
116Kb / 2P
   Surface Mount Silicon Rectifier Diodes - Half Bridge
logo
Semikron International
SK40DH SEMIKRON-SK40DH Datasheet
467Kb / 3P
   Half Controlled Bridge Rectifier
SKDH230 SEMIKRON-SKDH230 Datasheet
349Kb / 2P
   Half Controlled Bridge Rectifier
SK70DH16 SEMIKRON-SK70DH16 Datasheet
80Kb / 3P
   Half Controlled Bridge Rectifier
SK40DH SEMIKRON-SK40DH_08 Datasheet
553Kb / 3P
   Half Controlled Bridge Rectifier
SK70DH SEMIKRON-SK70DH Datasheet
495Kb / 3P
   Half Controlled Bridge Rectifier
logo
Diotec Semiconductor
PST1600A DIOTEC-PST1600A Datasheet
119Kb / 2P
   Silicon Rectifiers - Half Bridge
logo
Powersem GmbH
PSWDPSVD100 POWERSEM-PSWDPSVD100 Datasheet
137Kb / 1P
   Half Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com