Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC137 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC137
Description  GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC137 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC137 Datasheet HTML 1Page - Hittite Microwave Corporation HMC137 Datasheet HTML 2Page - Hittite Microwave Corporation HMC137 Datasheet HTML 3Page - Hittite Microwave Corporation HMC137 Datasheet HTML 4Page - Hittite Microwave Corporation HMC137 Datasheet HTML 5Page - Hittite Microwave Corporation HMC137 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
5 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC137
v03.1007
GaAs MMIC BI-PHASE
MODULATOR, 6 - 11 GHz
Pad Number
Function
Description
Interface Schematic
1IF
This pin is DC coupled. For applications not requiring oper-
ation to DC, this port should be DC blocked externally using
a series capacitor whose value has been chosen to pass
the necessary IF frequency range. For operation to DC this
pin must not source or sink more than 2mA of current or die
non-function and possible die failure will result.
2
RF
DC coupled and matched to 50 Ohms.
3
LO
DC coupled and matched to 50 Ohms.
Pad Descriptions


Similar Part No. - HMC137

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC137 HITTITE-HMC137 Datasheet
126Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC137 HITTITE-HMC137 Datasheet
458Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
logo
Micross Components
HMC137 MICROSS-HMC137 Datasheet
1Mb / 9P
   Direct Modulation in the 6 - 11 GHz Band
logo
Hittite Microwave Corpo...
HMC137 HITTITE-HMC137_07 Datasheet
458Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
More results

Similar Description - HMC137

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC137 HITTITE-HMC137_07 Datasheet
458Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC137 HITTITE-HMC137 Datasheet
126Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC136 HITTITE-HMC136_07 Datasheet
450Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC136 HITTITE-HMC136_09 Datasheet
450Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC135 HITTITE-HMC135_07 Datasheet
452Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC136 HITTITE-HMC136 Datasheet
115Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
logo
List of Unclassifed Man...
DPMB9058 ETC1-DPMB9058 Datasheet
31Kb / 1P
   GaAs Bi-Phase Modulator
DBP0738 ETC1-DBP0738 Datasheet
27Kb / 1P
   GaAs Bi-Phase Modulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com