Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPT1707C28BW Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CPT1707C28BW
Description  External Drive Piezo Transducer (AC)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CPT1707C28BW Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CPT1707C28BW Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
External Drive
Piezo Transducer (AC)
CPT1607
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CPT1604
CPT1707
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)
CPT1604G40BW
80 AT 10cm 9 Vp-p
25 Vrms
4000
95000
30% at 1000Hz
±
-20 ~ +60
ABS
1
CPT1607C40NP
75 AT 10cm 3 Vp-p
25 Vrms
4000
10000
30% at 1000Hz
±
-20 ~ +60
Noryl
5
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)
CPT1707C20BW
CPT1707C28BW
CPT1707G40TP
75 AT 10cm
80 AT 10cm
80 AT 10cm
3 Vp-p
3 Vp-p
9 Vp-p
30 Vrms
30 Vrms
30 Vrms
2000
2800
4000
23000
30% at 1000Hz
±
23000
30% at 1000Hz
±
10500
30% at 1000Hz
±
-20 ~ +70
-20 ~ +70
-20 ~ +70
ABS
ABS
PBT
1
1
3
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)


Similar Part No. - CPT1707C28BW

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPT1708 CANOPUS-CPT1708 Datasheet
725Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1708C40TP CANOPUS-CPT1708C40TP Datasheet
725Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1709 CANOPUS-CPT1709 Datasheet
725Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1709G20NP CANOPUS-CPT1709G20NP Datasheet
725Kb / 1P
   External Drive Piezo Transducer (AC)
More results

Similar Description - CPT1707C28BW

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPT1306E CANOPUS-CPT1306E Datasheet
609Kb / 1P
   External Drive Piezo Transducer (AC)
CPT3914 CANOPUS-CPT3914 Datasheet
854Kb / 1P
   External Drive Piezo Transducer (AC)
CPT3005 CANOPUS-CPT3005 Datasheet
682Kb / 1P
   External Drive Piezo Transducer (AC)
CPT2206 CANOPUS-CPT2206 Datasheet
625Kb / 1P
   External Drive Piezo Transducer (AC)
CPT3307 CANOPUS-CPT3307 Datasheet
940Kb / 1P
   External Drive Piezo Transducer (AC)
CPT0908 CANOPUS-CPT0908 Datasheet
627Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1708 CANOPUS-CPT1708 Datasheet
725Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1208 CANOPUS-CPT1208 Datasheet
635Kb / 1P
   External Drive Piezo Transducer (AC)
CPT1406 CANOPUS-CPT1406 Datasheet
625Kb / 1P
   External Drive Piezo Transducer (AC)
CPT2211 CANOPUS-CPT2211 Datasheet
732Kb / 1P
   External Drive Piezo Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com