Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC129LC4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC129LC4
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129LC4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC129LC4_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 12
Input IP2 vs.
Temperature @ LO = +15 dBm
Input IP2 vs. LO Drive
Input IP3 vs. LO Drive
Input P1dB vs.
Temperature @ LO = +15 dBm
Input IP3 vs.
Temperature @ LO = +15 dBm
Harmonics of LO
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
355
47
57
68
4
42504269
542
54
54
56
639
54
40
66
7
35553563
835
63
45
82
929
45
37
81
10
15
42
35
88
LO = +15 dBm
All values in dBc below input LO level measured at RF port
40
45
50
55
60
65
70
345678
9
+25C
+85C
-40C
FREQUENCY (GHz)
40
45
50
55
60
65
70
345678
9
LO = + 11 dBm
LO = + 13 dBm
LO = + 15 dBm
FREQUENCY (GHz)
8
10
12
14
16
18
345678
9
+25C
+85C
-40C
FREQUENCY (GHz)
10
15
20
25
30
345678
9
+25C
+85C
-40C
FREQUENCY (GHz)
10
15
20
25
30
345678
9
LO = + 11 dBm
LO = + 13 dBm
LO = + 15 dBm
FREQUENCY (GHz)
HMC129LC4
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz
v02.1208


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn