Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC129LC4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC129LC4
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129LC4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC129LC4_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 10
HMC129LC4
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz
v02.1208
General Description
Features
Functional Diagram
The HMC129LC4 is a general purpose double-bal-
anced MMIC mixer housed in a leadless “PB Free”
RoHS-Compliant SMT package which can be used as
an upconverter or downconverter in the 4 to 8 GHz
band. The HMC129LC4 is ideally suited for applica-
tions where small size, no DC bias, and consistent
IC performance are required. This mixer can operate
over a wide LO drive input of +9 to +15 dBm. It per-
forms equally well as a Bi-Phase modulator or demod-
ulator. The HMC129LC4 eliminates the need for wire
bonding, allowing use of surface mount manufacturing
techniques.
Conversion Loss: 7 dB
LO to RF and IF Isolation: 40 dB
Input IP3: +17 dBm
RoHS Compliant 4x4 mm SMT Package
Typical Applications
The HMC129LC4 is ideal for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
Electrical Specifications, T
A = +25° C, LO Drive = +15 dBm*
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
4.0 - 8.0
GHz
Frequency Range, IF
DC - 3.0
GHz
Conversion Loss
79
dB
Noise Figure (SSB)
79
dB
LO to RF Isolation
30
40
dB
LO to IF Isolation
32
40
dB
IP3 (Input)
17
dBm
IP2 (Input)
50
dBm
1 dB Gain Compression (Input)
10
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF = 100 MHz


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn