Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC129LC4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC129LC4
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129LC4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC129LC4_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 14
Pin Number
Function
Description
Interface Schematic
1, 5 - 7, 11 - 14,
18 - 24
N/C
No Connection. These pins may be connected to RF/DC ground.
Performance will not be affected.
2, 4, 8, 10,
15, 17
GND
These pins and package bottom
must be connect to RF/DC ground.
3RF
This pin is DC coupled
and matched to 50 Ohms.
9IF
This pin is DC coupled. For applications not requiring operation
to DC, this port should be DC blocked externally using a series
capacitor whose value has been chosen to pass the necessary IF
frequency range. For operation to DC, this pin must not source/
sink more than 2 mA of current or die non-function and possible
die failure will result.
16
LO
This pin is DC coupled
and matched to 50 Ohms.
Pin Descriptions
HMC129LC4
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz
v02.1208


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn