Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC129LC4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC129LC4
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129LC4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC129LC4_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129LC4_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 13
Absolute Maximum Ratings
RF/IF Input
+15 dBm
LO Drive
+27 dBm
IF DC Current
4 mA
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 4.957 mW/ °C above 85 °C)
124 mW
Thermal Resistance
(channel to ground paddle)
131.4 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
MxN Spurious @ IF Port
nLO
mRF
0
1234
0xx
10
25
13
41
190
33
44
46
278
76
70
78
86
388
91
87
64
81
497
102
104
109
110
RF Freq. = 6.1 GHz @ -10 dBm
LO Freq. = 6.0 GHz @ +15 dBm
Measured as downconverter
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: GOLD FLASH OVER Ni
3. DIMENSIONS ARE IN INCHES [MILLIMETERS]
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C-
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND
7. CLASSIFIED AS MOISTURE SESITIVITY LEVEL (MSL) 1.
HMC129LC4
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz
v02.1208
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn