Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC129 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC129
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC129_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4
4 - 9
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Isolation @ LO = +15 dBm
Conversion Gain vs. LO Drive
Conversion Gain vs. Temperature
LO = +15 dBm
Unconverter Performance
Conversion Gain vs. LO Drive
Return Loss @ LO = +15 dBm
IF Bandwidth @ LO = +15 dBm
-20
-15
-10
-5
0
23456789
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
IF RETURN LOSS
IF BANDWIDTH
FREQUENCY (GHz)
-20
-15
-10
-5
0
23456789
10
+9 dBm
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
-20
-15
-10
-5
0
23456789
10
+9 dBm
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
23456789
10
RF/IF
LO/RF
LO/IF
FREQUENCY (GHz)
-20
-15
-10
-5
0
23456789
10
LO RETURN LOSS
RF RETURN LOSS
FREQUENCY (GHz)
HMC129
v04.1007
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn