Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC129 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC129
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC129_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4
4 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC129
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz
v04.1007
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, LO Drive = +15 dBm*
Typical Applications
The HMC129 is ideal for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
• Space Telecom
The HMC129 chip is a miniature double-balanced
mixer which can be used as an upconverter or down-
converter in the 4 to 8 GHz band. The chip can be
integrated directly into hybrid MICs without DC bias
or external baluns to provide an extremely compact
mixer. It is ideally suited for applications where small
size, no DC bias, and consistent IC performance are
required. This mixer can operate over a wide LO drive
input of +9 to +15 dBm. It performs equally well as a
Bi-Phase modulator or demodulator. See the HMC136
data sheet.
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
4 - 8
GHz
Frequency Range, IF
DC - 3
GHz
Conversion Loss
79
dB
Noise Figure (SSB)
79
dB
LO to RF Isolation
30
40
dB
LO to IF Isolation
35
42
dB
IP3 (Input)
13
17
dBm
IP2 (Input)
40
55
dBm
1 dB Gain Compression (Input)
6
10
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF = 100 MHz
Conversion Loss: 7 dB
LO to RF and IF Isolation: 40 dB
Input IP3: +17 dBm
No DC Bias Required
Die Size: 1.40 x 1.40 x 0.1 mm


Similar Part No. - HMC129_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129 HITTITE-HMC129_07 Datasheet
171Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
More results

Similar Description - HMC129_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129LC4 HITTITE-HMC129LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129LC4 HITTITE-HMC129LC4 Datasheet
288Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129 Datasheet
173Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129 HITTITE-HMC129_07 Datasheet
171Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
HMC129G8 HITTITE-HMC129G8_08 Datasheet
186Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 4 - 8 GHz
logo
Analog Devices
HMC129ALC4 AD-HMC129ALC4 Datasheet
205Kb / 16P
   4 GHz to 8 GHz GaAs MMIC Double-Balanced Mixer
logo
Hittite Microwave Corpo...
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
   GaAs MMIC Double Balanced Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com