Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC129 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC129
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 4 - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC129 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC129_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC129_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
4 - 12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1
RF
This pin is DC coupled and matched to 50 Ohms.
2
LO
This pin is DC coupled and matched to 50 Ohms.
3IF
This pin is DC coupled. For applications not requiring oper-
ation to DC, this port should be DC blocked externally using
a series capacitor whose value has been chosen to pass
the necessary IF frequency range. For operation to DC this
pin must not source or sink more than 2mA of current or die
non-function and possible die failure will result.
GND
The backside of the die must connect to RF ground.
Pad Descriptions
HMC129
v04.1007
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn