Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM3504 Datasheet(PDF) 2 Page - Sharp Corporation

Part # SM3504
Description  4-Bit Single-Chip Microcomputer(For Data Bank Use)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM3504 Datasheet(HTML) 2 Page - Sharp Corporation

  SM3504 Datasheet HTML 1Page - Sharp Corporation SM3504 Datasheet HTML 2Page - Sharp Corporation SM3504 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM3504
- 2 -
SYSTEM COMFIGURATION EXAMPLE
APPLICATION EXAMPLE
Key matrix
S1-S6
S53-S60
(MAX. 84-key)
S1-S60
KI2-KI7
XCR
ON
key
RESET
key
KI1
VCC
TEST RESET
XI
XO BZ
H1-H8
VCC
3V
Buzzer
VCC
SM3504
Common signal
Segment signal
+
KEY : MAX. 85 - key
SM3504
AB
7
CD
8
EF
9
GH
4
IJ
5
KL
6
123456
QW
E
R
T
Y
A
7
B
8
C
9
D
÷
E
>
F
LCD control : 60 x 8 - dot
5 x 5 - dot matrix : 1
8 - segment
: 1


Similar Part No. - SM3504

ManufacturerPart #DatasheetDescription
logo
Dc Components
SM350 DCCOM-SM350 Datasheet
389Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SamHop Microelectronics...
SM3501 SAMHOP-SM3501 Datasheet
78Kb / 12P
   FAN CONTROLLER
SM3501AX SAMHOP-SM3501AX Datasheet
78Kb / 12P
   FAN CONTROLLER
SM3501BX SAMHOP-SM3501BX Datasheet
78Kb / 12P
   FAN CONTROLLER
SM3502 SAMHOP-SM3502 Datasheet
76Kb / 12P
   FAN CONTROLLER
More results

Similar Description - SM3504

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM3507 SHARP-SM3507 Datasheet
84Kb / 4P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3517 SHARP-SM3517 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3518 SHARP-SM3518 Datasheet
34Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3508 SHARP-SM3508 Datasheet
34Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3509 SHARP-SM3509 Datasheet
48Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com