Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S21MD4V Datasheet(PDF) 1 Page - Sharp Corporation

Part # S21MD4V
Description  Built-in Zero-cross Circuit, High Noise Resistance Type Phototriac Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21MD4V Datasheet(HTML) 1 Page - Sharp Corporation

  S21MD4V Datasheet HTML 1Page - Sharp Corporation S21MD4V Datasheet HTML 2Page - Sharp Corporation S21MD4V Datasheet HTML 3Page - Sharp Corporation S21MD4V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S21MD4V
S21MD4V
s Features
s Applications
1. Built-in zero-cross circuit
2. High critical rate of rise of OFF-state volt-
3. High repetitive peak OFF-state voltage
( VDRM : MIN. 600V )
4. Isolation voltage between input and output
Viso
1. For triggering medium/high power triac
s Absolute Maximum Ratings
( Ta = 25˚C)
∗1 Sine wave
∗3 For 10 seconds
s Outline Dimensions
( Unit : mm)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
Output
IT
100
∗1Peak one cycle surge current
I surge
1.2
A
VDRM
600
V
∗2Isolation voltage
Viso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
∗3Soldering temperature
T sol
260
˚C
S21MD4V
θ
mark
Anode
diagram
Internal connection
Zero-cross
circuit
1
2
3
4
5
6
12
3
4
5
6
1 Anode
2 Cathode
3 NC
4 Anode/
Cathode
5 No external
connection
6 Anode/
Cathode
g
Lead forming type of S21MD4V is also available. (S21MD4W
5. UL recognized, file No. E64380 ( S21MD4V/ S21MD4W )
g S21MD4V is for 200V line
RMS ON-state current
Repetitive peak OFF-state voltage
Built-in Zero-cross Circuit, High Noise
Resistance Type Phototriac Coupler
: 5 000Vrms
5 000
∗2 40 to 60% RH, AC for 1 minute, f = 60HZ
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
)
age ( dV/dt : MIN. 100V/
µs)
mArms
Vrms
θ : 0 to 13 ˚
2.54± 0.25
0.9± 0.2
1.2± 0.3
7.62± 0.3
0.26±0.1
0.5±0.1
7.12±0.5
gg TUV ( DIN-VDE0884 ) approved type is also available as an option.
..


Similar Part No. - S21MD4V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21MD4TV SHARP-S21MD4TV Datasheet
64Kb / 5P
   High Noise-resistance Type Phototriac Coupler
More results

Similar Description - S21MD4V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21MD6T SHARP-S21MD6T Datasheet
56Kb / 4P
   Built-in Zero-cross Circuit Phototriac Coupler
S11MD4V SHARP-S11MD4V Datasheet
56Kb / 4P
   Phototriac Coupler with Built-in Zero-cross Circuit
S21MD3V SHARP-S21MD3V Datasheet
48Kb / 4P
   High Noise Resistance Type Phototriac Coupler
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
   High Noise-resistance Type Phototriac Coupler
S11MS7 SHARP-S11MS7 Datasheet
41Kb / 3P
   High Speed/ High Noise-resistance Type Phototriac Coupler
PC3SD21YXZCF SHARP-PC3SD21YXZCF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZCF SHARP-PC4SD21NTZCF Datasheet
330Kb / 16P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com