Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F12K120 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # F12K120
Description  Protectifiers - LowVF-Rectifier with Overvoltage Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

F12K120 Datasheet(HTML) 1 Page - Diotec Semiconductor

  F12K120 Datasheet HTML 1Page - Diotec Semiconductor F12K120 Datasheet HTML 2Page - Diotec Semiconductor F12K120 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
F12K120
F12K120
Protectifiers® – LowVF-Rectifier with Overvoltage Protection
Protectifiers® – LowVF-Gleichrichter mit Überspannungs-Schutz
Version 2010-06-02
Dimensions - Maße [mm]
Nominal current
Nennstrom
12 A
Stand off voltage
Sperrspannung
120 V
Plastic case
Kunststoffgehäuse
Ø 8 x 7.5 [mm]
Weight approx.
Gewicht ca.
1.3 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Low forward losses, high reverse pulse power capability
Niedrige Durchlass-Verluste, hohe Rückwärts-Pulsbelastbarkeit
Maximum ratings and Charactistics (TJ = 25°C)
Grenz- und Kennwerte (TJ = 25°C)
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at/bei VWM
Breakdown voltage
Abbruch-Spannung
Forward voltage
Durchlass-Spannung
VF [V] 1)
VWM [V]
ID [µA]
VBR min [V]
@ IT [mA]
IF = 5A
IF = 12A
F12K120
120
5
130
5
< 0.82
< 0.9
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
12 A 2)
Total steady state power dissipation
Gesamtverlustleistung im Dauerbetrieb
TA = 50°C
P
tot
8 W
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
80 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
375/390 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
680 A2s
Junction temperature – Sperrschichttemperatur
in DC forward mode – bei Gleichstrom-Durchlassbetrieb
Tj
Tj
-50...+175°C
+200°C
Storage temperature – Lagerungstemperatur
TS
-50...+175°C
1
Tj = 25°C
2
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Ø
±0.05
1.2
Ø
±0.1
8


Similar Part No. - F12K120

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
F12K120 DIOTEC-F12K120 Datasheet
121Kb / 3P
   Protectifiers - LowVF-Rectifier with Overvoltage Protection
F12K120 DIOTEC-F12K120 Datasheet
166Kb / 2P
   Fast Efficient Rectifier Diodes
F12K120 DIOTEC-F12K120_13 Datasheet
121Kb / 3P
   Protectifiers - LowVF-Rectifier with Overvoltage Protection
F12K120 DIOTEC-F12K120_15 Datasheet
121Kb / 3P
   Rectifier with Overvoltage Protection
F12K120 DIOTEC-F12K120_18 Datasheet
166Kb / 2P
   Fast Efficient Rectifier Diodes
More results

Similar Description - F12K120

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FX20K120 DIOTEC-FX20K120 Datasheet
131Kb / 3P
   Protectifiers - LowVF-Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120 Datasheet
121Kb / 3P
   Protectifiers - LowVF-Rectifier with Overvoltage Protection
KT20A120 DIOTEC-KT20A120_13 Datasheet
150Kb / 2P
   Protectifiers - LowVF-Rectifier with Overvoltage protection
KT20A120 DIOTEC-KT20A120 Datasheet
149Kb / 2P
   Protectifiers - LowVF-Rectifier with Overvoltage protection
F12K120 DIOTEC-F12K120_13 Datasheet
121Kb / 3P
   Protectifiers - LowVF-Rectifier with Overvoltage Protection
TSK2520D2 DIOTEC-TSK2520D2 Datasheet
167Kb / 3P
   Protectifiers - LowVF-Rectifier with Overvoltage protection
FX20K120 DIOTEC-FX20K120_13 Datasheet
124Kb / 3P
   Protectifiers - LowVF-Rectifier with Overvoltage Protection
GBU8KD DIOTEC-GBU8KD Datasheet
144Kb / 2P
   Protectifiers - LowVF Bridge Rectifier with Overvoltage Protection
B125KS15A DIOTEC-B125KS15A Datasheet
151Kb / 2P
   Protectifiers - LowVF Bridge Rectifier with Overvoltage Protection
S125K DIOTEC-S125K Datasheet
151Kb / 2P
   Protectifiers - LowVF Bridge Rectifier with Overvoltage Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com