Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA4033 Datasheet(PDF) 1 Page - Sanken electric

Part # SMA4033
Description  NPN Darlington With built-in flywheel diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA4033 Datasheet(HTML) 1 Page - Sanken electric

  SMA4033_01 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
126
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
SMA4033
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
120
V
VCEO
100
V
VEBO
6V
IC
2A
ICP
4 (PW
≤1ms, Du≤50%)
A
IB
0.2
A
IF
2 (PW
≤0.5ms, Du≤25%)
A
IFSM
4 (PW
≤10ms, Single pulse)
A
VR
120
V
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=120V
IEBO
10
mA
VEB=6V
VCEO
100
V
IC=25mA
hFE
2000
6000
15000
VCE=4V, IC=1A
VCE(sat)
1.1
1.5
V
VBE(sat)
1.7
2.0
V
PT
W
IC=1A, IB=2mA
(Ta=25
°C)
Symbol
Unit
Conditions
VR
120
V
IR=10
µA
VF
1.8
V
IF=1A
IR
10
µAVR=120V
trr
100
ns
IF=
±100mA
Specification
min
typ
max
Specification
min
typ
max
R1: 4k
Ω typ R2: 150Ω typ
1
23
4
6
5
R1 R2
8
910
11
7
12
4
2
0
01
VCE (V)
2
3
1.2mA
0.6mA
0.4mA
0.3mA
IB=4mA
1
34
5
6
3mA
2mA
20
0.02
0.05
IC (A)
0.1
0.5
1
4
(VCE=4V)
10000
5000
1000
500
100
50
typ
20
0.02
0.05
IC (A)
0.1
0.5
1
4
(VCE=4V)
10000
5000
1000
500
100
50
75
°C
25
°C
–3
C
Ta
=125
°C
(IC / IB=1000)
0
1
2
3
0.2
IC (A)
0.5
1
4
0.1
IB (mA)
5
1
0.5
0
2
1
3
(IC=1A)
Ta=125°C
4
2
0
0
(VCE=4V)
VBE (V)
1
3
1
23
75
°C
25
°C
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
Without Heatsink
PW (mS)
0.5
100
1000
500
50
10
5
1
5
1
0.5
10
20
0.2
5
1
0.5
0.1
0.05
VCE (V)
3
100
µs
1ms
10ms
Single Pulse
Without Heatsink
Ta=25
°C
5
10
50
100
NPN Darlington
With built-in flywheel diode
External dimensions
B • • • SMA
qDiode for flyback voltage absorption
Electrical characteristics
Absolute maximum ratings
sEquivalent circuit diagram


Similar Part No. - SMA4033_01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA4033 SANKEN-SMA4033 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4033 SANKEN-SMA4033 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
More results

Similar Description - SMA4033_01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMA4036 ETC-SMA4036 Datasheet
37Kb / 1P
   NPN Darlington With built-in flywheel diode
logo
Sanken electric
SLA4041 SANKEN-SLA4041_06 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4032 SANKEN-SMA4032 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4032 SANKEN-SMA4032_01 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4031 SANKEN-SLA4031 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4033 SANKEN-SMA4033 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4038 SANKEN-SMA4038 Datasheet
906Kb / 2P
   NPN Darlington With built-in flywheel diode
SDH02 SANKEN-SDH02 Datasheet
22Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4061 SANKEN-SLA4061 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com