Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMEB1715F04BW Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CMEB1715F04BW
Description  Mechanical Buzzer (DC)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CMEB1715F04BW Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CMEB1715F04BW Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical
Buzzer (DC)
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CMEB2315
CMEB1715
400 100
±
400 100
±
400 100
±
400 100
±
400 100
±
400 100
±
Fundamental
Frequency
(Hz)
70 at 20cm
70 at 20cm
75 at 20cm
75 at 20cm
75 at 20cm
75 at 20cm
Min Sound
Output
(dBA)
CMEB1715A04BW
CMEB1715C04BW
CMEB1715F04BW
CMEB1715G04BW
CMEB1715H04BW
CMEB1715I04BW
1 ~ 3
2 ~ 4
4 ~ 8
6 ~ 12
9 ~ 15
15 ~ 27
1.5
3.6
6
9
12
24
20
25
25
25
25
30
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Continuous
Continuous
Continuous
Continuous
Continuous
Tone
Nature
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
Operating
Tempature
( C)
o
ABS
ABS
ABS
ABS
ABS
ABS
Housing
10
10
10
10
10
10
Weight
(g)
400 100
±
400 100
±
400 100
±
400 100
±
400 100
±
400 100
±
Fundamental
Frequency
(Hz)
70 at 20cm
70 at 20cm
75 at 20cm
75 at 20cm
75 at 20cm
75 at 20cm
Min Sound
Output
(dBA)
CMEB2315A04BW
CMEB2315C04BW
CMEB2315F04BW
CMEB2315G04BW
CMEB2315H04BW
CMEB2315I04BW
1 ~ 3
2 ~ 4
4 ~ 8
6 ~ 12
9 ~ 15
15 ~ 27
1.5
3.6
6
9
12
24
20
25
25
25
25
30
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Continuous
Continuous
Continuous
Continuous
Continuous
Tone
Nature
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
Operating
Tempature
( C)
o
ABS
ABS
ABS
ABS
ABS
ABS
Housing
10
10
10
10
10
10
Weight
(g)


Similar Part No. - CMEB1715F04BW

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMEB1713 CANOPUS-CMEB1713 Datasheet
482Kb / 1P
   Mechanical Buzzer (DC)
CMEB1713A04BP CANOPUS-CMEB1713A04BP Datasheet
482Kb / 1P
   Mechanical Buzzer (DC)
CMEB1713C04BP CANOPUS-CMEB1713C04BP Datasheet
482Kb / 1P
   Mechanical Buzzer (DC)
CMEB1713F04BP CANOPUS-CMEB1713F04BP Datasheet
482Kb / 1P
   Mechanical Buzzer (DC)
CMEB1713G04BP CANOPUS-CMEB1713G04BP Datasheet
482Kb / 1P
   Mechanical Buzzer (DC)
More results

Similar Description - CMEB1715F04BW

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMEB2619 CANOPUS-CMEB2619 Datasheet
643Kb / 1P
   Mechanical Buzzer (DC)
CMEB2320 CANOPUS-CMEB2320 Datasheet
900Kb / 1P
   Mechanical Buzzer (DC)
CMEB1713 CANOPUS-CMEB1713 Datasheet
482Kb / 1P
   Mechanical Buzzer (DC)
logo
Soberton Inc.
MB-2317 SOBERTON-MB-2317 Datasheet
227Kb / 5P
   MB MECHANICAL BUZZER
logo
Canopus Electronics (H....
CMB1005 CANOPUS-CMB1005 Datasheet
730Kb / 1P
   Magnetic Buzzer (DC)
CPB1208 CANOPUS-CPB1208 Datasheet
784Kb / 1P
   Piezo Buzzer (DC)
CPB3015 CANOPUS-CPB3015 Datasheet
758Kb / 1P
   Piezo Buzzer (DC)
CPB3207 CANOPUS-CPB3207 Datasheet
790Kb / 1P
   Piezo Buzzer (DC)
CPB4333-H CANOPUS-CPB4333-H Datasheet
651Kb / 1P
   Piezo Buzzer (DC)
CMB2814 CANOPUS-CMB2814 Datasheet
866Kb / 1P
   Magnetic Buzzer (DC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com