Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17000 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17000
Description  Complete DDR2 and DDR3 Memory Power-Management Solution
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17000 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17000_11 Datasheet HTML 1Page - Maxim Integrated Products MAX17000_11 Datasheet HTML 2Page - Maxim Integrated Products MAX17000_11 Datasheet HTML 3Page - Maxim Integrated Products MAX17000_11 Datasheet HTML 4Page - Maxim Integrated Products MAX17000_11 Datasheet HTML 5Page - Maxim Integrated Products MAX17000_11 Datasheet HTML 6Page - Maxim Integrated Products MAX17000_11 Datasheet HTML 7Page - Maxim Integrated Products MAX17000_11 Datasheet HTML 8Page - Maxim Integrated Products MAX17000_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Complete DDR2 and DDR3 Memory
Power-Management Solution
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Off-Time
tOFF(MIN)
(Note 2)
250
350
ns
Quiescent Supply Current (VDD)
IDD
FB forced above 1.0V,
STDBY = AGND or
VCC, TA = +25°C
0.01
1.00
µA
FB forced above 1.0V (SMPS, VTT, and
VTTR blocks);
STDBY = VCC
2
4
mA
Quiescent Supply Current (VCC)
ICC
FB forced above 1.0V (ultra-skip and VTTR
blocks);
STDBY = AGND
275
475
µA
Shutdown Supply Current
(VDD + VCC)
ICC + IDD
SHDN = AGND, TA = +25°C
0.01
5
µA
TON Pin Shutdown Current
ITON
SHDN = AGND, VIN = 26V, VDD = 0 or 5V,
TA = +25°C
0.01
1.00
µA
LINEAR REGULATOR (VTT)
VTTI Input Voltage Range
VTTI
1.0
2.8
V
VTTI Supply Current
IVTTI
VVTTI = 2.5V, VREFIN = 1.4V
10
50
µA
VTTI Shutdown Current
SHDN = AGND, TA = +25°C
10
µA
REFIN Input Bias Current
VVTTI = 2.5V, VREFIN = 1.4V
-50
+50
nA
REFIN Range
VREFIN
0.5
1.5
V
REFIN Disable Threshold
VCC -
0.3
V
High-side on-resistance
(source, IVTT = 0.1A)
0.12
0.25
VTT Internal MOSFET
Low-side on-resistance (sink, IVTT = 0.1A)
0.18
0.36
VREFIN = 1V,
IVTT = +50µA
-5
+5
VTT Output-Accuracy
Source Load
(VREFIN - 5mV) or
(VCSL/2 - 5mV) to
VTTS, VTT = VTTS
VREFIN = 0.5V to 1.5V,
IVTT = +300mA
-5
mV
VREFIN = 1V,
IVTT = -50µA
-5
+5
VTT Output-Accuracy
Sink Load
(VREFIN + 5mV) or
(VCSL/2 + 5mV) to
VTTS, VTT = VTTS
VREFIN = 0.5V to 1.5V,
IVTT = -300mA
+5
mV
VTT Load Regulation
-50µA to -1A
IVTT
+50µA to +1A
13
17
mV/A
VTT Line Regulation
1.0V
VTTI
2.8V, IVTT = ±100mA
1
mV
Source
2
4
VTT Current Limit
Sink
-4
-2
A
VTT Current-Limit Soft-Start Time
With respect to internal VTT_EN signal
160
µs
VTT Discharge MOSFET
OVP = VCC
16
VTTS Input Current
TA = +25°C
0.1
1.0
µA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, VCC = VDD = VSHDN = VREFIN = 5V, VCSL = 1.8V, STDBY = SKIP = AGND, TA = 0°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX17000_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
More results

Similar Description - MAX17000_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
uPI Group Inc.
UP1566 UPI-UP1566 Datasheet
208Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Controller
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Converter
UP1565 UPI-UP1565 Datasheet
241Kb / 15P
   Complete DDR3/ DDR4 Memory Power Solution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com