Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMXK-1106S Datasheet(PDF) 2 Page - Sanken electric

Part # FMXK-1106S
Description  Silicon Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMXK-1106S Datasheet(HTML) 2 Page - Sanken electric

  FMXK-1106S Datasheet HTML 1Page - Sanken electric FMXK-1106S Datasheet HTML 2Page - Sanken electric FMXK-1106S Datasheet HTML 3Page - Sanken electric FMXK-1106S Datasheet HTML 4Page - Sanken electric FMXK-1106S Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANKEN ELECTRIC CO., LTD.
FMXK-1106S
051114
2/5
61426-01
4. Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
600
2
Peak Reverse Voltage
VRM
V
600
3
Average Forward Current
IF(AV)
A
10
Tc=66.8
°C、Sinewave
4
Peak Surge Forward Current
IFSM
A
100
10msec.
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
50
1msec≤t≤10msec
6
Junction Temperature
Tj
°C
-40~+150
7
Storage Temperature
Tstg
°C
-40~+150
5. Electrical characteristics
No
.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
1.75 max.
IF=10A
2
Reverse Leakage Current
IR
µA
100 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
mA
10 max.
VR=VRM, Tj=150°C
4
Reverse Recovery Time
trr
ns
27 max
IF=IRP=500mA
75% Recovery point, Tj=25°C
5
Thermal Resistance
Rth(j-c)
°C /W
4 max.
Between Junction and case


Similar Part No. - FMXK-1106S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMXK-1106S SANKEN-FMXK-1106S Datasheet
125Kb / 5P
   Silicon Diode
More results

Similar Description - FMXK-1106S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com