Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMX-G26S Datasheet(PDF) 1 Page - Sanken electric

Part # FMX-G26S
Description  Ultrafast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMX-G26S Datasheet(HTML) 1 Page - Sanken electric

  FMX-G26S Datasheet HTML 1Page - Sanken electric FMX-G26S Datasheet HTML 2Page - Sanken electric FMX-G26S Datasheet HTML 3Page - Sanken electric FMX-G26S Datasheet HTML 4Page - Sanken electric FMX-G26S Datasheet HTML 5Page - Sanken electric FMX-G26S Datasheet HTML 6Page - Sanken electric FMX-G26S Datasheet HTML 7Page - Sanken electric FMX-G26S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ultrafast Recovery Diode
FMXA-1106S
November, 2005
Sanken Electric Co.,Ltd.
D01-002EA-051128
■General Description
Shorter trr at high temperature has been realized by employing
the new life time control technology.
This is the optimum characteristic as a fast recovery diode
(FRD) for a continuous-current-mode PFC circuit.
■Package---TO220F-2Pin
■Applications
● PDP panel driver circuit.
● Continuous-current-mode PFC circuit.
● An output rectifier for SMPS, UPS, DC-DC converter.
● A Flywheel diode for the inverter and chopper.
■Features
● The shortest trr characteristic in the world at high
temperature (100°C).
Realized to shorten the trr at 100°C by 26% compared to
the conventional device.
(73ns => 54ns (typ), IF=IRP=500/500mA. Compared to
the SK’s conventional device FMX-G26S)
■Key Specifications
trr = 65ns
IRP = 7.07A
Qrr = 229.1nC
IRP
Qrr
trr = 50ns
IRP = 5.85A
Qrr = 147.3nC
IRP
Qrr
●Electrical characteristics
Parameter
Symbol Unit
Rating
Conditions
Forward Voltage Drop
VF
V
1.98 max. IF=10A
Reverse Leakage Current
IR
μA 100 max. VR=VRM
Reverse Leakage Current
Under High Temperature
H•IR
mA
30 max.
VR=VRM,
Tj=150°C
Reverse Recovery Time
trr
ns
28 max.
IF=IRP=500mA
90%Recovery point
●Absolute maximum ratings
Parameter
Symbol
Unit
Rating
Transient Peak Reverse Voltage
VRSM
V
600
Peak Reverse Voltage
VRM
V
600
Average Forward Current
IF(AV)
A
10
Peak Surge Forward Current
IFSM
A
100
FMXA-1106S (New device)
FMX-G26S (Conventional device)
Typical Current Waveform, mounted on the power supply
Measurement condition: FCC power supply, f=160kHz, Load 5A (DC12V)
Horiz:40ns/div, Vert:2A/div
http://www.sanken-ele.co.jp/en/
1/8


Similar Part No. - FMX-G26S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMX-G26S ETC1-FMX-G26S Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Sanken electric
FMX-G26S SANKEN-FMX-G26S Datasheet
398Kb / 8P
   Ultrafast Recovery Diode
FMX-G26S SANKEN-FMX-G26S Datasheet
275Kb / 5P
   Silicon Diode
FMX-G26S SANKEN-FMX-G26S Datasheet
275Kb / 5P
   Silicon Diode
More results

Similar Description - FMX-G26S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
   Ultrafast recovery diode
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
   Ultrafast recovery diode
logo
Sanken electric
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
   Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C300HJ ISC-DPG60C300HJ Datasheet
285Kb / 2P
   Ultrafast Recovery Diode
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
   Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
   Ultrafast Recovery Diode
logo
Sanken electric
MPL-1036S SANKEN-MPL-1036S Datasheet
241Kb / 5P
   Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com