Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S202S02 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S202S02
Description  SIP Type SSR for Medium Power Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202S02 Datasheet(HTML) 2 Page - Sharp Corporation

  S202S02 Datasheet HTML 1Page - Sharp Corporation S202S02 Datasheet HTML 2Page - Sharp Corporation S202S02 Datasheet HTML 3Page - Sharp Corporation S202S02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
( Ta = 25˚C)
Parameter
Input
Forward voltage
Reverse current
Output
Holding current
Zero-cross voltage
Transfer
charac-
teristics
Isolation resistance
Turn-off time
Thermal resistance
( Between junction and case)
Thermal resistance
( Between junction and ambience)
Symbol
V F
IR
I DRM
V T
IH
V OX
I FT
R ISO
t on
t off
R th(j- c)
R th(j- a)
Conditions
IF = 20mA
V R =3V
V D =V DRM
IF = 20mA, I T = 2Arms
V D = 2/3 • V DRM
IF = 8mA
V D = 12V, R L =30
V D = 6V, R L =30
AC 50Hz
MIN.
TYP.
MAX.
Unit
-
1.2
1.4
V
--
10- 4
A
--
10- 4
A
-
-
1.5
-
-
-
50
mA
30
-
-
V/
µ s
5-
-
V/
µ s
-
-
35
V
--
8
mA
--
8
mA
1010
--
--
1
ms
-
-
10
ms
-
-
-
10
ms
-
4.5
-
˚C/W
-
-
-
40
-
˚C/W
Repetitive peak OFF-state current
ON-state voltage
Critical rate of rise of OFF-state voltage
Critical rate of rise of commutating
OFF-state voltage
T j = 125˚C, dI T /dt= - 4.0A/ms,
VD = 400V
Turn-on
time
S102S02
S202S02
S102S01
S202S01
S102S02
S202S02
S102S01
S202S01
S102S02
S202S02
Minimum
trigger
current
- 25
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
(1)
(2)
(3)
(4)
(5)
(6)
( 1) With infinite heat sink
( 2) With heat sink ( 200 x 200 x 2 mm Al plate )
( 3) With heat sink ( 100 x 100 x 2 mm Al plate )
( 4) With heat sink ( 75 x 75 x 2 mm Al plate )
( 5) With heat sink ( 50 x 50 x 2 mm Al plate )
( 6) Without heat sink
( Note) With the Al heat sink set up vertically,tighten
the device at the center of the Al heat sink
conductive silicone grease on the heat sink
carried out.
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
s Electro-optical Characteristics
Ambient temperature T a (˚C)
mounting plate. Forcible cooling shall not be
with a torque of 0.4N • m and apply thermal
V rms
dV/dt
DC500V, 40 to 60 % RH
( dV/dt )C
Resistance load
S102S01/S102S02/S202S01/S202S02


Similar Part No. - S202S02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
More results

Similar Description - S202S02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
   8-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
   8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
   8-Pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
   8-pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
   5mm Mini SIP SSR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com