Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S202S02 Datasheet(PDF) 1 Page - Sharp Corporation

Part # S202S02
Description  SIP Type SSR for Medium Power Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202S02 Datasheet(HTML) 1 Page - Sharp Corporation

  S202S02 Datasheet HTML 1Page - Sharp Corporation S202S02 Datasheet HTML 2Page - Sharp Corporation S202S02 Datasheet HTML 3Page - Sharp Corporation S202S02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S102S01/S102S02/S202S01/S202S02
S102S01/S102S02
S202S01/S202S02
s Applications
s Outline Dimensions
( Unit : mm)
s Absolute Maximum Ratings
(Ta = 25˚C)
SIP Type SSR for Medium
Power Control
Parameter
Symbol
Rating
Unit
S102S01
S102S02
S202S01
S202S02
Input
Forward current
IF
50
mA
Reverse voltage
V R
6V
Output
*1RMS ON-state current
IT
8
*2Peak one cycle surge current
I surge
80
A
Repetitive peak OFF-state voltage
VDRM
400
600
V
VDSM
400
600
V
Critical rate of rise of ON-state
dI/dt
50
A/
µ s
Operating frequency
f
45 to 65
Hz
*3 Isolation voltage
Viso
Operating temperature
T opr
- 25 to + 100
˚C
Storage temperature
T stg
- 30 to + 125
˚C
*4Soldering temperature
T sol
260
˚C
(5.08)(7.62)(2.54)
(1.4)
+
Internal connection diagram
*
A
B
12
3
4
Zero-Cross
Circuit
12
3 4
12
3 4
3 Input ( + )
3 Input ( + )
A (Model No.)
B
S102S01
8A125VAC
S102S02
S202S01
8A250VAC
S202S02
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
are common to terminal 1 .
g Do not allow external connection.
( ) : Typical dimensions
s Features
Non-repetitive peak OFF-state voltage
current
2 Output (Triac T1 )
1 Output (Triac T2 )
1 Output (Triac T2 )
2 Output (Triac T1 )
2. RMS ON-state current
I T : 8 Arms at T C <= 80˚C
( With heat sink )
3. Built-in zero-cross circuit
(S102S02/S202S02 )
4. High repetitive peak OFF-state voltage
S102S01/S102S02
V DRM : MIN. 400V
S202S01/S202S02
V DRM : MIN. 600V
5. Isolation voltage between input and output
( Viso
1. Automatic vending machines, programmable
controllers
2. Amusement equipment
-
4 Input ( - )
4 Input ( - )
*1 TC <= 80˚C
*2 50Hz sine wave, Tj =25˚C
start
*3 60Hz AC for 1 minute,
shorted respectively ) .
*4 For 10 seconds
6. Approved by CSA, No. LR63705
1. High radiation resin mold package
For 100V lines
For 200V lines
For phase control
No built-in zero-cross circuit
S102S01
S202S01
Built-in zero-cross circuit
S102S02
S202S02
(Note)
When the isolation voltage
A rms
V rms
s Model Line-ups
4 000
40 to 60 % RH, Apply voltages
between input and output, by
the dielectric withstand
voltage tester with zero-
cross circuit.
( Input and output shall be
insulation sheet.
Recognized by UL, file No. E94758
* The metal parts marked *
is necessary at using external
heat sink, please use the
: 4 000V rms )
18.5
± 0.2
16.4
± 0.3
φ 3.2 ± 0.2
5.5
± 0.2
4 - 1.1 ± 0.2
4 - 1.25 ± 0.3
4 - 0.8 ± 0.2
0.6 ± 0.1
S102S01 /S202S01
S102S02 /S202S02


Similar Part No. - S202S02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
More results

Similar Description - S202S02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
   8-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
   8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
   8-Pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
   8-pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
   5mm Mini SIP SSR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com