Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S202S03 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S202S03
Description  SIP Type SSR with Mounting Capability for External Heat Sink
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202S03 Datasheet(HTML) 2 Page - Sharp Corporation

  S202S03 Datasheet HTML 1Page - Sharp Corporation S202S03 Datasheet HTML 2Page - Sharp Corporation S202S03 Datasheet HTML 3Page - Sharp Corporation S202S03 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
( Ta = 25˚C)
Parameter
Symbol
Input
Forward voltage
V F
Reverse current
IR
Output
I DRM
On-state voltage
V T
Holding current
IH
Critical rate of rise of com-
Transfer
charac-
teristics
Minimum trigger current
I FT
Isolation resistance
R ISO
Turn-on time
Turn-off time
Thermal resistance ( Between junction and case )
Thermal resistance ( Between junction and ambience)
Conditions
IF = 20mA
V R =3V
V D =V DRM
IT =2A rms
V D = 2/3V DRM
V D = 12V, R L =30
AC = 50Hz
R th(j- c)
R th(j- a)
MIN.
TYP.
MAX.
Unit
-
1.2
1.4
V
--
10- 4
A
--
10- 4
A
-
-
1.5
V rms
-
-
-
35
mA
30
-
-
V/
µ s
5-
-
V/
µ s
--
5
mA
1010
--
1ms
-
-
-
-
10
ms
-
4.5
-
˚C/W
-
-
-
40
-
˚C/W
t on
t off
Repetitive peak OFF-state current
Critical rate of rise of OFF-state voltage
mutating OFF-state voltage
2
-25
0
1
75
25
0
50
125
100
9
3
4
5
6
7
8
10
(2)
(4)
(6)
(5)
(3)
(1)
carried out.
conductive silicone grease on the heat sink
the device at the center of the Al heat sink
( 5) With heat sink ( 50 x 50 x 2 mm Al plate )
( 4) With heat sink ( 75 x 75 x 2 mm Al plate )
( 3) With heat sink ( 100 x 100 x 2 mm Al plate )
( 2) With heat sink ( 200 x 200 x 2 mm Al plate )
( 6) Without heat sink
( 1) With infinite heat sink
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
S102S03/S202S03
s Electro-optical Characteristics
Ambient temperature T a (˚C)
VD = 400V
Tj = 125˚C, dIt/d t = - 4.0A/ms,
mounting plate. Forcible cooling shall not be
with a torque of 0.4N • m and apply thermal
dV/dt
( dV/dt )C
DC = 500V, 40 to 60 % RH
( Note) With the Al heat sink set up vertically, tighten
Resistance load, I F = 20mA


Similar Part No. - S202S03

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S01 SHARP-S202S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202S01 SHARP-S202S01 Datasheet
239Kb / 13P
   IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
S202S02 SHARP-S202S02 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
More results

Similar Description - S202S03

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101S05V SHARP-S101S05V Datasheet
60Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S102S11 SHARP-S102S11 Datasheet
58Kb / 4P
   SIP Type SSR with Snubber Circuit and Mouning Capability for External Heat Sink
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
   SIP Type SSR for Medium Power Control
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
S101S15V SHARP-S101S15V Datasheet
58Kb / 4P
   SIP Type SSR with Built-in Snubber Circuit
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
   5mm Mini SIP SSR
PF240D25 CRYDOM-PF240D25 Datasheet
523Kb / 4P
   SIP SSR SCR output for heavy industrial loads
logo
Sharp Corporation
S212S01F SHARP-S212S01F Datasheet
241Kb / 13P
   SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com