Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15005AAUE+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15005AAUE+
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15005AAUE+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15005AAUE+ Datasheet HTML 1Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 2Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 3Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 4Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 5Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 6Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 7Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 8Page - Maxim Integrated Products MAX15005AAUE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 0.1μF, CVCC = 0.1μF // 1μF, CREG5 = 1μF, VON/OFF = 5V, CSS = 0.01μF, CSLOPE = 100pF, RT = 13.7k
Ω, CT =
560pF, VSYNC = VOVI = VFB = VCS = 0V, COMP = unconnected, OUT = unconnected. TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C. All voltages are referenced to PGND, unless otherwise noted.) (Note 1) (Figure 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMP Source Current
ICOMP-
SOURCE
VFB = 1V, VCOMP = 4.5V
1.3
2.8
mA
COMP High Voltage
VOH-COMP
VFB = 1V, ICOMP = 1mA (sourcing)
VREG5
- 0.5
VREG5
- 0.2
V
COMP Low Voltage
VOL-COMP
VFB = 1.5V, ICOMP = 1mA (sinking)
0.1
0.25
V
Open-Loop Gain
AEAMP
100
dB
Unity-Gain Bandwidth
UGFEAMP
1.6
MHz
Phase Margin
PMEAMP
75
degrees
COMP Positive Slew Rate
SR+
0.5
V/μs
COMP Negative Slew Rate
SR-
-0.5
V/μs
PWM COMPARATOR
Current-Sense Gain
ACS-PWM
ΔVCOMP/ΔVCS (Note 5)
2.85
3
3.15
V/V
PWM Propagation Delay to OUT
tPD-PWM
CS = 0.15V, from VCOMP falling edge:
3V to 0.5V to OUT falling (excluding
leading-edge blanking time)
60
ns
PWM Comparator Current-Sense
Leading-Edge Blanking Time
tCS-BLANK
50
ns
CURRENT-LIMIT COMPARATOR
Current-Limit Threshold Voltage
VILIM
290
305
317
mV
Current-Limit Input Bias Current
IB-CS
OUT= high, 0
≤ VCS ≤ 0.3V
-2
+2
μA
ILIMIT Propagation Delay to OUT
tPD-ILIM
From CS rising above VILIM (50mV
overdrive) to OUT falling (excluding
leading-edge blanking time)
60
ns
ILIM Comparator Current-Sense
Leading-Edge Blanking Time
tCS-BLANK
50
ns
Number of Consecutive ILIMIT
Events to HICCUP
7
HICCUP Timeout
512
Clock
periods
SLOPE COMPENSATION (Note 6)
Slope Capacitor Charging
Current
ISLOPE
VSLOPE = 100mV
9.8
10.5
11.2
μA
Slope Compensation
CSLOPE = 100pF
25
mV/μs
Slope Compensation Tolerance
(Note 2)
CSLOPE = 100pF
-4
+4
%
CSLOPE = 22pF
110
Slope Compensation Range
CSLOPE = 1000pF
2.5
mV/μs


Similar Part No. - MAX15005AAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15005AAUE MAXIM-MAX15005AAUE Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15005AAUE MAXIM-MAX15005AAUE Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15005AAUE MAXIM-MAX15005AAUE Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15005AAUEV MAXIM-MAX15005AAUEV Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
More results

Similar Description - MAX15005AAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com