Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15004BAUE+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15004BAUE+
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15004BAUE+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15004BAUE+ Datasheet HTML 6Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 7Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 8Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 9Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 10Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 11Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 12Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 13Page - Maxim Integrated Products MAX15004BAUE+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
10
______________________________________________________________________________________
Functional Diagram
MAX15004A/B
MAX15005A/B
PREREGULATOR
REFERENCE
SLOPE
COMPENSATION
EAMP
REF-AMP
THERMAL
SHUTDOWN
OV-COMP
ON/OFF
COMP
OSCILLATOR
7
CONSECUTIVE
EVENTS
COUNTER
7.4V LDO
REG
5V LDO
REG
UVB
VCC
UVB
10.5V
30mA
CLAMP
3.5V
UVLO
50ns
LEAD
DELAY
DRIVER
R
0.3V
2R
SS_OK
RESET
1.228V
1.228V
1.228V
1
2
3
4
6
7
8
SYNC
SGND
RTCT
SLOPE
OVI
ON/OFF
IN
VCC
16
OUT
15
PGND
14
REG5
13
CS
12
COMP
11
FB
10
SS
9
OFF
OFF
SET
RESET
OVRLD
CLK
OVRLD
PWM-
COMP
ILIMIT
COMP


Similar Part No. - MAX15004BAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004BAUEV MAXIM-MAX15004BAUEV Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
More results

Similar Description - MAX15004BAUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com