Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX15004 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part No. MAX15004
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX15004 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX15004_11 Datasheet HTML 19Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 20Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 21Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 22Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 23Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 24Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 25Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 26Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
26
______________________________________________________________________________________
Chip Information
PROCESS: BiCMOS
Pin Configurations
16
15
14
13
12
11
10
2
1
3
4
5
6
7
VCC
OUT
PGND
REG5
SLOPE
OVI
ON/OFF
IN
TOP VIEW
MAX15004A
MAX15005A
CS
COMP
EP
FB
SGND
RTCT
9
8SS
SYNC
N.C.
TSSOP-EP
+
16
15
14
13
12
11
10
2
1
3
4
5
6
7
VCC
OUT
PGND
REG5
SLOPE
OVI
ON/OFF
IN
MAX15004B
MAX15005B
CS
COMP
FB
SGND
RTCT
9
8SS
SYNC
N.C.
TSSOP
+
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
16 TSSOP
U16+2
21-0066
90-0117
16 TSSOP-EP
U16E+3
21-0108
90-0120


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn