Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15004 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part No. MAX15004
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15004 Datasheet(HTML) 25 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
______________________________________________________________________________________
25
Typical Operating Circuits (continued)
Figure 8. Boost Application Circuit
16
15
MAX15005A/B
EP
2
VCC
OUT
ON/OFF
5
N.C.
6
RTCT
3
OVI
4
SLOPE
1
IN
R1
5
Ω
REG5
VOUT
C10
1
μF/16V
CERAMIC
C11
0.1
μF
C1
10
μF
25V
VIN
(4.5V TO 16V)
REG5
SYNC
Q
Si736DP
R5
100k
Ω
14
PGND
C10
1
μF
13
REG5
VOUT
12
CS
R3
1k
Ω
C4
100pF
C9
0.1
μF
C8
330pF
R6
136k
Ω
R4
0.025
Ω
R7
10k
Ω
11
COMP
10
FB
9
SS
C7
0.1
μF
C2
100pF
R2
13k
Ω
C3
180pF
7
SGND
8
JU1
1
2
SYNC
R11
301k
Ω
R10
100k
Ω
R8
153k
Ω
R9
10k
Ω
D1
B340LB
VOUT
(18V/2A)
C6
56
μF/25V
SVP-SANYO
L1
10
μH/IHLP5050
VISHAY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn