Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX15004 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part No. MAX15004
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX15004 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX15004_11 Datasheet HTML 18Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 19Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 20Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 21Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 22Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 23Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 24Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 25Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
22
______________________________________________________________________________________
Figure 6. SEPIC Application Circuit
16
15
MAX15005A/B
EP
2
VCC
OUT
ON/OFF
ON
OFF
5
N.C.
6
RTCT
3
OVI
4
SLOPE
1
IN
D3
BAT54C
R5
10
Ω
CVCC
1
μF
RG
1
Ω
REG5
VOUT
C3
6.8
μF
C2
6.8
μF
C1
6.8
μF
C1
100nF
C7
6.8
μF
D1
LL4148
VIN
2.5V TO 16V
VOUT
REG5
SYNC
D2
STP745G
STD20NF06L
C6
22
μF
VOUT
(8V/2A)
L1
L11 = L22 = 7.5
μH
C5
22
μF
C4
22
μF
R3
1.8k
Ω
14
PGND
C10
1
μF
13
REG5
12
CS
RCS
100
Ω
CCS
100pF
C3
47nF
C4
680pF
R2
15k
Ω
RS
0.025
Ω
R1
2.7k
Ω
11
COMP
10
FB
9
SS
CSS
150nF
CSLOPE
47pF
RSYNC
10k
Ω
RT
15k
Ω
CT
150pF
7
SGND
8
SYNC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn