Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX15004 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part No. MAX15004
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX15004 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX15004_11 Datasheet HTML 9Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 10Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 11Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 12Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 13Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 14Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 15Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 16Page - Maxim Integrated Products MAX15004_11 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
______________________________________________________________________________________
13
(tDISCHARGE). See Figures 3a and 3b for a coarse selec-
tion of capacitor values for a given switching frequency
and maximum duty cycle and then use the following
equations to calculate the resistor value to fine-tune the
switching frequency and verify the worst-case maximum
duty cycle.
where fOSC is the oscillator frequency, RT is a resistor
connected from RTCT to REG5, and CT is a capacitor
connected from RTCT to SGND. Verify that the oscilla-
tor frequency value meets the target. Above calcula-
tions could be repeated to fine-tune the switching
frequency.
The MAX15004A/B is a 50% maximum duty-cycle part,
while the MAX15005A/B is 100% maximum duty-cycle
part.
for the MAX15004A/B and
for the MAX15005A/B.
The MAX15004A/B/MAX15005A/B can be synchronized
using an external clock at the SYNC input. For proper
frequency synchronization, SYNC’s input frequency must
be at least 102% of the programmed internal oscillator
frequency. Connect SYNC to SGND when not using an
external clock. A rising clock edge on SYNC is interpret-
ed as a synchronization input. If the SYNC signal is lost,
the internal oscillator takes control of the switching rate,
returning the switching frequency to that set by RC net-
work connected to RTCT. This maintains output regula-
tion even with intermittent SYNC signals.
ff
OUT
OSC
=
ff
OUT
OSC
=
1
2
t
D
f
RT
t
CT
t
CHARGE
MAX
OSC
CHARGE
DISCHARGE
=
=
×
=
07
.
2
225
1 33 10
3 375
3
.( )
(.
( )
)
.
( )
VRT
CT
ART
V
fOS
××
××
C
C
CHARGE
DISCHARGE
tt
Us
=
+
1
...................
e
e This Equation If f
kHz
tt
OSC
CHARGE
DISCHA
+
500
1
R
RGE
OSC
ns
Use This Equation If f
k
+
>
160
500
.......
H
Hz
⎪⎪
Figure 2. Timing Diagram for Internal Oscillator vs. External SYNC and DMAX Behavior
RTCT
CLKINT
SYNC
OUT
RTCT
CLKINT
SYNC
OUT
D = 50%
D = 50%
D = 81.25%
D = 80%
WITH SYNC
INPUT
MAX15004A/B (DMAX = 50%)
MAX15005A/B (DMAX = 81%)
WITHOUT
SYNC INPUT
WITH SYNC
INPUT
WITHOUT
SYNC INPUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn