Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15004 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX15004
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15004 Datasheet(HTML) 10 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
10
______________________________________________________________________________________
Functional Diagram
MAX15004A/B
MAX15005A/B
PREREGULATOR
REFERENCE
SLOPE
COMPENSATION
EAMP
REF-AMP
THERMAL
SHUTDOWN
OV-COMP
ON/OFF
COMP
OSCILLATOR
7
CONSECUTIVE
EVENTS
COUNTER
7.4V LDO
REG
5V LDO
REG
UVB
VCC
UVB
10.5V
30mA
CLAMP
3.5V
UVLO
50ns
LEAD
DELAY
DRIVER
R
0.3V
2R
SS_OK
RESET
1.228V
1.228V
1.228V
1
2
3
4
6
7
8
SYNC
SGND
RTCT
SLOPE
OVI
ON/OFF
IN
VCC
16
OUT
15
PGND
14
REG5
13
CS
12
COMP
11
FB
10
SS
9
OFF
OFF
SET
RESET
OVRLD
CLK
OVRLD
PWM-
COMP
ILIMIT
COMP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn