Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX15004 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part No. MAX15004
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX15004 Datasheet(HTML) 8 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
8
_______________________________________________________________________________________
POWER-DOWN SEQUENCE THROUGH VIN
MAX15004 toc19
4ms/div
VIN
10V/div
VCC
5V/div
REG5
5V/div
VOUT
5V/div
VON/OFF = 5V
POWER-UP SEQUENCE
THROUGH ON/OFF
MAX15004 toc20
1ms/div
ON/OFF
5V/div
VCC
5V/div
REG5
5V/div
VOUT
5V/div
POWER-DOWN SEQUENCE
THROUGH ON/OFF
MAX15004 toc21
400ms/div
ON/OFF
5V/div
VCC
5V/div
REG5
5V/div
VOUT
5V/div
Typical Operating Characteristics (continued)
(VIN = 14V, CIN = 0.1μF, CVCC = 0.1μF // 1μF, CREG5 = 1μF, VON/OFF = 5V, CSS = 0.01μF, CSLOPE = 100pF, RT = 13.7k
Ω,
CT = 560pF. TA = +25°C, unless otherwise noted.)
HICCUP MODE FOR FLYBACK CIRCUIT
(FIGURE 7)
MAX15004 toc24
10ms/div
VCS
200mV/div
VANODE
1V/div
ISHORT
500mA/div
DRAIN WAVEFORM IN
FLYBACK CONVERTER (FIGURE 7)
MAX15004 toc25
4
μs/div
10V/div
ILOAD = 10mA
LINE TRANSIENT FOR VIN STEP
FROM 14V TO 5.5V
MAX15004 toc22
100
μs/div
VIN
10V/div
VCC
5V/div
REG5
5V/div
VOUT
5V/div
LINE TRANSIENT FOR VIN STEP
FROM 14V TO 40V
MAX15004 toc23
100
μs/div
VIN
20V/div
VCC
5V/div
REG5
5V/div
VOUT
5V/div


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn