Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13442E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX13442E
Description  ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13442E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX13442E_11 Datasheet HTML 1Page - Maxim Integrated Products MAX13442E_11 Datasheet HTML 2Page - Maxim Integrated Products MAX13442E_11 Datasheet HTML 3Page - Maxim Integrated Products MAX13442E_11 Datasheet HTML 4Page - Maxim Integrated Products MAX13442E_11 Datasheet HTML 5Page - Maxim Integrated Products MAX13442E_11 Datasheet HTML 6Page - Maxim Integrated Products MAX13442E_11 Datasheet HTML 7Page - Maxim Integrated Products MAX13442E_11 Datasheet HTML 8Page - Maxim Integrated Products MAX13442E_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
±15kV ESD-Protected, ±80V Fault-Protected,
Fail-Safe RS-485/J1708 Transceivers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER
VCC = GND, VA, B = 12V
250
VA, B = -7V
-150
μA
Input Current
IA,B
A, B
receive
mode
VA, B = ±80V
±6
mA
Receiver-Differential Threshold
Voltage
VTH
-7V
VCM
+12V
-200
-50
mV
Receiver-Input Hysteresis
VTH
25
mV
RECEIVER LOGIC
Output-High Voltage
VOH
Figure 2, IOH = -1.6mA
VCC - 0.6
V
Output-Low Voltage
VOL
Figure 2, IOL = 1mA
0.4
V
Three-State Output Current at
Receiver
IOZR
0V
VA, B
VCC
±1
μA
Receiver Input Resistance
RIN
-7V
VCM
+12V
48
k
Receiver Output Short-Circuit
Current
IOSR
0V
VRO
VCC
±95
mA
CONTROL
Control-Input High Voltage
VCIH
DE,
DE, RE
2
V
Input-Current Latch During First
Rising Edge
IIN
DE,
RE
90
μA
SUPPLY CURRENT
DE = VCC,
RE = GND (MAX13442E)
(
DE = RE = GND) (MAX13444E)
30
Normal Operation
ICC
No load,
DI = VCC
or GND
(DE = VCC,
RE = GND)
(MAX13443E)
10
mA
DE = GND,
RE = VCC
(MAX13442E/MAX13443E)
20
DE = GND,
RE = VCC, TA = +25°C
(MAX13442E/MAX13443E)
10
DE = RE = VCC (MAX13444E)
100
Supply Current in Shutdown Mode
ISHDN
DE = RE = VCC, TA = +25°C (MAX13444E)
10
μA
Supply Current with Output Shorted
to
±60V
ISHRT
DE = GND,
RE = GND, no load
output in three-state (MAX13443E)
±15
mA
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.75V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)


Similar Part No. - MAX13442E_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13442EASA MAXIM-MAX13442EASA Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
More results

Similar Description - MAX13442E_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com