Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11610EEE+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11610EEE+
Description  Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11610EEE+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11610EEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX11610EEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX11610EEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX11610EEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX11610EEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX11610EEE+ Datasheet HTML 11Page - Maxim Integrated Products MAX11610EEE+ Datasheet HTML 12Page - Maxim Integrated Products MAX11610EEE+ Datasheet HTML 13Page - Maxim Integrated Products MAX11610EEE+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Low-Power, 4-/8-/12-Channel, I2C,
10-Bit ADCs in Ultra-Small Packages
10
______________________________________________________________________________________
signal. At the end of the acquisition interval, the T/H
switches move to the hold position retaining the charge
on CT/H as a stable sample of the input signal.
During the conversion interval, the switched capacitive
DAC adjusts to restore the comparator input voltage to
0V within the limits of 10-bit resolution. This action
requires 10 conversion clock cycles and is equivalent
to transferring a charge of 11pF  (VIN+ - VIN-) from
CT/H to the binary weighted capacitive DAC, forming a
digital representation of the analog input signal.
Sufficiently low source impedance is required to ensure
an accurate sample. A source impedance of up to 1.5k
does not significantly degrade sampling accuracy. To
minimize sampling errors with higher source impedances,
connect a 100pF capacitor from the analog input to GND.
This input capacitor forms an RC filter with the source
impedance limiting the analog-input bandwidth. For larg-
er source impedances, use a buffer amplifier to maintain
analog-input signal integrity and bandwidth.
When operating in internal clock mode, the T/H circuitry
enters its tracking mode on the eighth rising clock edge
of the address byte (see the
Slave Address section). The
T/H circuitry enters hold mode on the falling clock edge of
the acknowledge bit of the address byte (the ninth clock
pulse). A conversion or a series of conversions is then
internally clocked and the MAX11606–MAX11611 holds
SCL low. With external clock mode, the T/H circuitry
enters track mode after a valid address on the rising
edge of the clock during the read (R/W = 1) bit. Hold
mode is then entered on the rising edge of the second
clock pulse during the shifting out of the first byte of the
result. The conversion is performed during the next 10
clock cycles.
The time required for the T/H circuitry to acquire an
input signal is a function of the input sample capaci-
tance. If the analog-input source impedance is high,
the acquisition time constant lengthens and more time
must be allowed between conversions. The acquisition
time (tACQ) is the minimum time needed for the signal
to be acquired. It is calculated by:
tACQ ≥ 9  (RSOURCE + RIN)  CIN
where RSOURCE is the analog-input source impedance,
RIN = 2.5kΩ, and CIN = 22pF. tACQ is 1.5/fSCL for internal
clock mode and tACQ = 2/fSCL for external clock mode.
Analog Input Bandwidth
The MAX11606–MAX11611 feature input-tracking cir-
cuitry with a 5MHz small-signal bandwidth. The 5MHz
input bandwidth makes it possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using under sampling techniques. To avoid high-fre-
quency signals being aliased into the frequency band
of interest, anti-alias filtering is recommended.
Analog Input Range and Protection
Internal protection diodes clamp the analog input to
VDD and GND. These diodes allow the analog inputs to
CT/H
CT/H
TRACK
AIN0
AIN1
AIN2
AIN3/REF
GND
ANALOG INPUT MUX
CAPACITIVE
DAC
REF
CAPACITIVE
DAC
REF
MAX11606
MAX11607
HOLD
TRACK
HOLD
VDD/2
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX11610EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11610EEE++ MAXIM-MAX11610EEE+ Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11610EEE++ MAXIM-MAX11610EEE+ Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
More results

Similar Description - MAX11610EEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
MAX11612 MAXIM-MAX11612_11 Datasheet
310Kb / 22P
   Low-Power, 4-/8-/12-Channel, I2C, 12-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com