Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX11612EVSYS+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX11612EVSYS+
Description  Evaluation System
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX11612EVSYS+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MAX11600–MAX11617 Evaluation System
6 ______________________________________________________________________________________
MAX11617 EV Kit Daughter Board
Component Suppliers
MAX11600–MAX11617 EV System Files
Note: Indicate you are using the MAX11600–MAX11617 when contacting these component suppliers.
DESIGNATION
QTY
DESCRIPTION
AIN0–AIN11
12
Yellow multipurpose test points
AVDD_EXT
1
Red multipurpose test point
C1, C7
2
1FF Q10%, 16V X5R ceramic
capacitors (0603)
Murata GRM188R61C105K
C2, C6
2
10FF Q10%, 6.3V X5R ceramic
capacitors (0603)
Murata GRM188R60J106M
C5, C8, C9,
C10
4
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C15, C20, C25,
C30, C35, C40,
C45, C50, C55,
C60, C65, C70
0
Not installed, ceramic capacitors
(0603)
D1
1
Red LED (0603)
D2
1
Yellow LED (0603)
GND
7
Black multipurpose test points
J1
1
2 x 10 right-angle female header
J2
1
24-pin dual-row (2 x 12) header
DESIGNATION
QTY
DESCRIPTION
JU1, JU2, JU4
3
3-pin headers
JU5–JU17
13
2-pin headers
JU3
1
4-pin header
REF, SCL, SDA,
3.6V
4
White multipurpose test points
R1, R4, R7,
R10, R13, R16,
R19, R22, R25,
R28, R31, R34
12
0I Q5% resistors (0603)
R35, R36
2
1kI Q5% resistors (0603)
R37
1
2kI Q5% resistor (0603)
R38, R39
2
470I Q5% resistors (0603)
U1
1
12-bit ADC (16 QSOP)
Maxim MAX11617EEE+
U3
1
Voltage reference (8 SO)
Maxim MAX6126AASA25+
17
Shunts
1
PCB: MAX11617 EVALUATION
KIT+
SUPPLIER
PHONE
WEBSITE
Hong Kong X’tals Ltd
852-35112388
www.hongkongcrystal.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK Corp.
847-803-6100
www.component.tdk.com
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV system files on your computer
MAX11600-11617.EXE
Application program
FTD2XX.INF
USB device driver file
UNINST.INI
Uninstalls the EV system software
USB_Driver_Help.PDF
USB driver installation help file


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn