Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX11612EVSYS+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX11612EVSYS+
Description  Evaluation System
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX11612EVSYS+ Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MAX11600–MAX11617 Evaluation System
2 ______________________________________________________________________________________
Component Lists
MAX116XX I2C Master Board
DESIGNATION
QTY
DESCRIPTION
C1–C17
17
47nF Q10%, 16V, X7R ceramic
capacitors (0603)
Murata GRM188R71C473K
C18–C33
16
1nF Q10%, 50V, X7R ceramic
capacitors (0603)
Murata GRM188R71H102K
C34, C52
2
1FF Q10%, 16V X5R ceramic
capacitors (0603)
Murata GRM188R61C105K
C35, C42, C46,
C50, C53–C56,
C60, C61, C62,
C64, C65, C66
14
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C36, C39
2
0.01FF Q10%, 50V, X7R ceramic
capacitors (0603)
Murata GRM188R71H103K
C37, C44, C45
3
10pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H100J
C38
1
15pF Q5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H150J
C40, C41
2
39pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H390J
C43, C49, C51,
C63, C67, C68,
C70
7
10FF Q10%, 25V, X5R ceramic
capacitors, (1206)
Murata GRM31CR61E106K
C47, C48, C69
3
4.7FF Q10%, 25V X5R ceramic
capacitors (1206)
Murata GRM31CR71E475M
C57
1
0.033FF Q10%, 16V X5R ceramic
capacitor (0603)
Taiyo Yuden EMK107BJ333KA
C58, C59
2
22pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H220J
DESIGNATION
QTY
DESCRIPTION
DGND, DVDD
2
Banana jacks, uninsulated
J1
1
2 x 10 right-angle male header
J2
0
Not installed, 24-pin dual-row
(2 x 12) header
J3
1
USB type-B right-angle
PC-mount receptacle
JSPI
0
Not installed, 6-pin header (1 x 6)
JTAG1
1
6-pin header (1 x 6)
JTAG2
1
10-pin dual-row (2 x 5) header
JU1–JU4
0
Not installed, 2-pin headers
JU5
0
Not installed, 3-pin header
JU6–JU9
4
2-pin headers
LED1, LED2,
LED3
3
Red LEDs (0603)
L1
1
Ferrite bead
TDK MMZ1608R301A (0603)
R1, R3, R4,
R19, R21–R24
8
4.7kI Q5% resistors (0603)
R2, R16, R17,
R18
4
100I Q5% resistors (0603)
R5
1
390I Q5% resistor (0603)
R6, R7, R8,
R27, R36
5
10kI Q5% resistors (0603)
R9, R10, R11
3
200I Q5% resistors (0603)
R12, R14, R25,
R29
4
10I Q5% resistors (0603)
R13
1
150I Q5% resistor (0603)
R15
1
56I Q5% resistor (0603)
R20, R28
2
680I Q5% resistors (0603)
R26
1
1kI Q5% resistor (0603)
R30
1
18.7kI Q1% resistor (0603)
R31, R43, R44,
R46, R50
5
10kI Q1% resistors (0603)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn